Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN4000Z(1) Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTN4000Z(1)
Description  60V NPN LED DRIVING TRANSISTOR IN SOT89
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN4000Z(1) Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTN4000Z(1)_15 Datasheet HTML 1Page - Diodes Incorporated ZXTN4000Z(1)_15 Datasheet HTML 2Page - Diodes Incorporated ZXTN4000Z(1)_15 Datasheet HTML 3Page - Diodes Incorporated ZXTN4000Z(1)_15 Datasheet HTML 4Page - Diodes Incorporated ZXTN4000Z(1)_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ZXTN4000Z
Datasheet Number: DS35676 Rev. 1 - 2
3 of 5
www.diodes.com
January 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN4000Z
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
60
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
60
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.3
-
V
IE = 100µA
Collector Cut-off Current
ICBO
-
-
50
nA
VCB = 60V
Emitter Cut-off Current
IEBO
-
-
50
nA
VEB = 7V
Static Forward Current Transfer Ratio (Note 7)
hFE
60
100
-
-
-
-
-
IC = 85mA, VCE = 0.1V
IC = 150mA, VCE = 0.15V
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-
0.76
0.95
V
IC = 150mA, VCE = 0.15V
Delay Time
t(d)
-
300
-
ns
VCC = 48V, IC = 150mA,
-IB2 = 1.5mA, VCE(ON) = 0.15V
Rise Time
t(r)
-
292
-
ns
Storage Time
t(s)
-
805
-
ns
Fall Time
t(f)
-
226
-
ns
Storage Time
t(s)
-
25
-
ns
VCC = 48V, IC = 150mA,
-IB2 = 1.5mA, VCE(ON) = 4V
Fall Time
t(f)
-
202
-
ns
Notes:
7. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%
Electrical Characteristics @TA = 25°C unless otherwise specified
100µ
1m
10m
100m
0
50
100
150
200
250
100µ
1m
10m
100m
0.2
0.4
0.6
0.8
1.0
100m
1
10
0
5
10
15
20
25
125°C
h
FE
v I
C
V
CE
=0.15V
-55°C
25°C
85°C
I
C
Collector Current (A)
125°C
V
BE(on)
v I
C
V
CE
=0.15V
85°C
25°C
-55°C
I
C
Collector Current (A)
Capacitance v Voltage
f = 1MHz
Cobo
Voltage(V)


Similar Part No. - ZXTN4000Z(1)_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4000Z DIODES-ZXTN4000Z Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4000ZTA DIODES-ZXTN4000ZTA Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
More results

Similar Description - ZXTN4000Z(1)_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4000Z DIODES-ZXTN4000Z_15 Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4000Z DIODES-ZXTN4000Z Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTP4001Z DIODES-ZXTP4001Z Datasheet
203Kb / 5P
   60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN10150DZ DIODES-ZXTN10150DZ_15 Datasheet
246Kb / 7P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4006Z DIODES-ZXTN4006Z_15 Datasheet
125Kb / 5P
   200V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
   100V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4006Z DIODES-ZXTN4006Z Datasheet
125Kb / 5P
   200V NPN LED DRIVING TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com