Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10U100CTA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MBRF10U100CTA
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRF10U100CTA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MBRF10U100CTA_15 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF10U100CTA_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 11. 28
2/2
MBRF10U100CTA
Revision No : 1
IF - VF
FORWARD VOLTAGE VF (V)
0.2
0.1
0.4
0.6
0.8
1
0
1
10
100
j
T =25 C
T =150 C
j
REVERSE VOLTAGE VR (V)
IR - VR
020
40
60
80
0.0001
0.001
0.1
0.01
10
1
100
120
100
j
T =25 C
T =125 C
j
j
T =75 C
T =150 C
j
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
IF - TC
CASE TEMPERATURE Tc ( C)
0
0
0
100
110
120
130
140
150
4
8
12
16
RATED VOLTAGE
R
=4.5 C/W
ΘJC
DC
DC
APPLIED
2
468
2
4
10
6
8
10
Reverse Voltage VR (V)
PR - VR
0
0
20
40
60
80
0.1
0.2
0.5
0.3
0.4
100
Rth(J-c)
Power Time (S)
0
0.001
0.01
0.1
1
10
1
10
R
=4.5 C/W
th(j-c)


Similar Part No. - MBRF10U100CTA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRF10U100CTA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com