Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC2363ZPCK2 Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGC2363ZPCK2
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC2363ZPCK2 Datasheet(HTML) 4 Page - RF Micro Devices

  SGC2363ZPCK2 Datasheet HTML 1Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 2Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 3Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 4Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 5Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC2363Z
SOT-363 PCB Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
3RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
1, 2,
4, 5
GND
Connection to ground. Use via holes as close to the device ground as possible to reduce ground inductance and achieve
optimum RF performance.
6RF OUT/DC
BIAS
RF output and bias pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of opera-
tion.
Dimensions in inches [millimeters]
RF
OUT
RF
I N
Notes:
1. Provide a large ground pad area under device pins 1,
2, 4, and 5 with several plated-through holes placed as
shown.
2. 1-2 ounce finished copper thickness is recommended.
3. RF I/O lines are 50
Ω


Similar Part No. - SGC2363ZPCK2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC201B2S GOOD-ARK-SGC201B2S Datasheet
413Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BS GOOD-ARK-SGC201BS Datasheet
207Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BSD GOOD-ARK-SGC201BSD Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
SGC2045S GOOD-ARK-SGC2045S Datasheet
402Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC2363ZPCK2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4563Z RFMD-SGC4563Z Datasheet
535Kb / 10P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC-6489Z RFMD-SGC-6489Z Datasheet
391Kb / 6P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC-6289Z RFMD-SGC-6289Z Datasheet
501Kb / 8P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com