Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3B14F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMN3B14F
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3B14F Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMN3B14F_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN3B14F_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN3B14F_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN3B14F_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN3B14F_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN3B14F_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN3B14F_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMN3B14F
SEMICO NDUC TORS
ISSUE 2 - JANUARY 2006
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
30
V
ID= 250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
AVDS=30V,VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS= 12V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
0.7
V
ID= 250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
0.080
0.140
VGS=4.5V, ID=3.1A
VGS=2.5V, ID=2.2A
Forward Transconductance
(1) (3)
gfs
8.5
S
VDS=15V,ID=3.1A
DYNAMIC
(3)
Input Capacitance
Ciss
568
pF
VDS=15V,VGS=0V
f=1MHz
Output Capacitance
Coss
101
pF
Reverse Transfer Capacitance
Crss
66
pF
SWITCHING
(2) (3)
Turn-On-Delay Time
td(on)
3.6
ns
VDD=15V,VGS=4.5V
ID=1A
RG ≅ 6.0
Rise Time
tr
4.9
ns
Turn-Off Delay Time
td(off)
17.3
ns
Fall Time
tf
9.8
ns
Total Gate Charge
Qg
6.7
nC
VDS=15V,VGS=4.5V
ID=3.1A
Gate-Source Charge
Qgs
1.4
nC
Gate Drain Charge
Qgd
1.8
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
0.82
0.95
V
Tj=25°C, IS=3.1A,
VGS=0V
Reverse Recovery Time
(3)
trr
10.8
ns
Tj=25°C, IF=1.6A,
di/dt=100A/ s
Reverse Recovery Charge
(3)
Qrr
4.54
nC
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMN3B14F_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3B14FTA ZETEX-ZXMN3B14FTA Datasheet
204Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
ZXMN3B14FTA ZETEX-ZXMN3B14FTA Datasheet
215Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Diodes Incorporated
ZXMN3B14FTA DIODES-ZXMN3B14FTA Datasheet
222Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
VBsemi Electronics Co.,...
ZXMN3B14FTA VBSEMI-ZXMN3B14FTA Datasheet
492Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMN3B14FTC ZETEX-ZXMN3B14FTC Datasheet
204Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
More results

Similar Description - ZXMN3B14F_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3B04N8 DIODES-ZXMN3B04N8 Datasheet
172Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Zetex Semiconductors
ZXMN3B01F ZETEX-ZXMN3B01F Datasheet
475Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Diodes Incorporated
ZXMN3B01F DIODES-ZXMN3B01F_15 Datasheet
475Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Zetex Semiconductors
ZXMN3B04N8 ZETEX-ZXMN3B04N8 Datasheet
176Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Diodes Incorporated
ZXMN3B01F DIODES-ZXMN3B01F Datasheet
475Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
ZXMN3B14F DIODES-ZXMN3B14F Datasheet
222Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Zetex Semiconductors
ZXMN3B14F ZETEX-ZXMN3B14F_06 Datasheet
215Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Diodes Incorporated
ZXMN3B04N8 DIODES-ZXMN3B04N8_15 Datasheet
172Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Zetex Semiconductors
ZXMN3B14F ZETEX-ZXMN3B14F Datasheet
204Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
ZP Semiconductor
ZXMN3B01F ZPSEMI-ZXMN3B01F Datasheet
185Kb / 3P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com