Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH0814-40 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PH0814-40
Description  Linear Power Transistor, 40W 850 - 1450 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH0814-40 Datasheet(HTML) 1 Page - Tyco Electronics

  PH0814-40 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PH0814-40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40 Datasheet
141Kb / 1P
   Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH0814-40_0211 MA-COM-PH0814-40_0211 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
   Wireless Bipolar Power Transistor
More results

Similar Description - PH0814-40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40 Datasheet
141Kb / 1P
   Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V
logo
Tyco Electronics
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
   Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
PHI516160 MACOM-PHI516160 Datasheet
193Kb / 3P
   Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
PH1516-100 MACOM-PH1516-100 Datasheet
151Kb / 2P
   Wireless Bipolar Power Transistor, 100W 1450 - 1550 MHz
logo
Stealth Microwave, Inc.
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
   850-900 MHz 30 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1131 MACOM-PA1131 Datasheet
41Kb / 1P
   850-900 MHz. Ultra Linear Amplifier
logo
TAI-SAW TECHNOLOGY CO.,...
TA1171A TAI-SAW-TA1171A Datasheet
369Kb / 6P
   SAW Filter 1450 MHz
logo
KR Electronics, Inc.
3257 KR-3257 Datasheet
69Kb / 3P
   1450 MHz Lowpass Filter
3078-1450 KR-3078-1450 Datasheet
75Kb / 3P
   1450 MHz Center Frequency
logo
Tyco Electronics
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
   Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com