Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC-6289Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGC-6289Z
Description  50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC-6289Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGC-6289Z Datasheet HTML 1Page - RF Micro Devices SGC-6289Z Datasheet HTML 2Page - RF Micro Devices SGC-6289Z Datasheet HTML 3Page - RF Micro Devices SGC-6289Z Datasheet HTML 4Page - RF Micro Devices SGC-6289Z Datasheet HTML 5Page - RF Micro Devices SGC-6289Z Datasheet HTML 6Page - RF Micro Devices SGC-6289Z Datasheet HTML 7Page - RF Micro Devices SGC-6289Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
DS120409
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC-6289Z
Typical Performance with Application Circuit, VD = 5V, ID = 83mA
S21 versus Frequency
8
10
12
14
16
18
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
-40°C
25°C
85°C
S11 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
-40°C
25°C
85°C
S12 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
-40°C
25°C
85°C
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
-40°C
25°C
85°C


Similar Part No. - SGC-6289Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z_1 Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
163Kb / 5P
   50-4000 MHz Active Bias Silicon
More results

Similar Description - SGC-6289Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC-6489Z RFMD-SGC-6489Z Datasheet
391Kb / 6P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4563Z RFMD-SGC4563Z Datasheet
535Kb / 10P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2363Z RFMD-SGC2363Z Datasheet
331Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com