Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL0163ZPCK1 Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGL0163ZPCK1
Description  100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0163ZPCK1 Datasheet(HTML) 5 Page - RF Micro Devices

  SGL0163ZPCK1 Datasheet HTML 1Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 2Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 3Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 4Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 5Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 6Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 7Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 8Page - RF Micro Devices SGL0163ZPCK1 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGL0163Z
Gain vs. Frequency @ TLEAD=+25C
400-500 MHz Series L Application Circuit
14
15
16
17
18
19
20
21
22
23
24
400
410
420
430
440
450
460
470
480
490
500
Frequency(MHz)
VS=3V, ID=11mA
VS=4V, ID=23mA
Gain vs. Frequency @ TLEAD=+25C
400-500 MHz Series L Application Circuit
-20
-16
-12
-8
-4
0
400
410
420
430
440
450
460
470
480
490
500
Frequency(MHz)
IRL, VS=3V
IRL, VS=4V
ORL, VS=3V
ORL, VS=4V
RF Performance - 400-500MHz Series L Application Circuit
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
400 MHz
22.0
4.4
1.3
23.1
1.1
450 MHz
21.3
5.0
3.2
24.7
1.3
500 MHz
20.6
5.7
4.1
24.7
1.3
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
400 MHz
23.1
10.9
6.5
29.6
2.0
450 MHz
22.2
11.4
8.1
30.3
2.1
500 MHz
21.2
12.0
7.8
28.9
2.1
VS=3V, ID=11mA (Typ.)
VS=4V, ID=24mA (Typ.)
RF Performance - 100-800 MHz RC Feedback Application Circuit
Return Loss vs. Frequency @ TLEAD=+25C
100-800 MHz Feedback Application Circuit
-30
-25
-20
-15
-10
-5
0
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
Frequency(MHz)
IRL, VS=3V
IRL, VS=4V
ORL, VS=3V
ORL, VS=4V
Gain vs. Frequency @ TLEAD=+25C
100-800 MHz Feedback Application Circuit
14
16
18
20
22
24
26
28
30
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
Frequency(MHz)
VS=3V, ID=11mA
VS=4V, ID=23mA
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
100 MHz
23.9
3.5
-6.8
17.1
1.4
300 MHz
21.4
3.4
-2.5
18.9
1.2
500 MHz
18.7
3.5
0.1
18.8
1.2
800 MHz
15.2
3.7
4.3
19.5
1.2
Freq
Gain
(dB)
P1dB
(dBm)
IIP3
(dBm)
OIP3
(dBm)
NF
(dB)
100 MHz
26.3
9.2
-4.1
22.2
2.2
300 MHz
23.0
9.8
2.2
25.1
1.9
500 MHz
19.8
9.9
5.2
25.0
1.7
800 MHz
16.1
10.0
9.7
25.8
1.7
VS=3V, ID=11mA (Typ.)
VS=4V, ID=23mA (Typ.)


Similar Part No. - SGL0163ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263ZPCK1 RFMD-SGL0263ZPCK1 Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263ZSQ RFMD-SGL0263ZSQ Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263ZSR RFMD-SGL0263ZSR Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
   5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
More results

Similar Description - SGL0163ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
logo
SIRENZA MICRODEVICES
SGL-0163 SIRENZA-SGL-0163 Datasheet
200Kb / 7P
   100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
SGL-0263 SIRENZA-SGL-0263 Datasheet
185Kb / 5P
   1400 - 2500 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
logo
RF Micro Devices
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
   5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com