Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ06NPA045FP Datasheet(PDF) 2 Page - Vincotech

Part # FZ06NPA045FP
Description  neutral point clamped inverter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06NPA045FP Datasheet(HTML) 2 Page - Vincotech

  FZ06NPA045FP Datasheet HTML 1Page - Vincotech FZ06NPA045FP Datasheet HTML 2Page - Vincotech FZ06NPA045FP Datasheet HTML 3Page - Vincotech FZ06NPA045FP Datasheet HTML 4Page - Vincotech FZ06NPA045FP Datasheet HTML 5Page - Vincotech FZ06NPA045FP Datasheet HTML 6Page - Vincotech FZ06NPA045FP Datasheet HTML 7Page - Vincotech FZ06NPA045FP Datasheet HTML 8Page - Vincotech FZ06NPA045FP Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
FZ06NPA045FP
preliminary datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Buck MOSFET
Th=80°C
16
Tc=80°C
21
Th=80°C
54
Tc=80°C
97
Boost IGBT
Th=80°C
50
Tc=80°C
50
Th=80°C
85
Tc=80°C
129
tSC
Tj≤150°C
6
μs
VCC
VGE=15V
360
V
Boost Inverse Diode
Th=80°C
2
Tc=80°C
Th=80°C
21
Tc=80°C
Boost Diode
Tj=25°C
Th=80°C
15
Tc=80°C
21
Th=80°C
30
Tc=80°C
46
150
±20
600
Maximum Junction Temperature
Tjmax
175
Tc=25°C
VRRM
DC forward current
Ptot
Power dissipation per Diode
Tj=Tjmax
Maximum Junction Temperature
V
A
V
°C
W
A
tp limited by Tjmax
Repetitive peak collector current
Gate-emitter peak voltage
VCE
ICpuls
Short circuit ratings
DC collector current
Power dissipation per IGBT
Collector-emitter break down voltage
tp limited by Tjmax
W
600
Tj=Tjmax
A
Tj=Tjmax
A
V
°C
V
Peak Repetitive Reverse Voltage
A
Tj=Tjmax
W
A
W
V
°C
V
A
VRRM
VGE
IF
Tj=Tjmax
Tjmax
Ptot
Power dissipation per Diode
Ptot
Tj=Tjmax
Tj=Tjmax
DC forward current
IF
Repetitive peak forward current
IFRM
tp limited by Tjmax
Tj=Tjmax
IC
Pulsed drain current
IDpulse
Ptot
Gate-source peak voltage
Vgs
Maximum Junction Temperature
Power dissipation
Tjmax
Drain to source breakdown voltage
VDS
DC drain current
ID
Peak Repetitive Reverse Voltage
°C
Maximum Junction Temperature
Tjmax
150
36
1200
Tc=25°C
93
150
600
225
±20
2
Revision: 5
Copyright by Vincotech


Similar Part No. - FZ06NPA045FP

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA045FP01 VINCOTECH-FZ06NPA045FP01 Datasheet
3Mb / 25P
   Neutral point clamped inverter
More results

Similar Description - FZ06NPA045FP

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-F106NIA100SA-M135F VINCOTECH-10-F106NIA100SA-M135F Datasheet
3Mb / 27P
   Neutral-point-Clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com