Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ06NRA045FH Datasheet(PDF) 3 Page - Vincotech

Part # FZ06NRA045FH
Description  neutral point clamped inverter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06NRA045FH Datasheet(HTML) 3 Page - Vincotech

  FZ06NRA045FH Datasheet HTML 1Page - Vincotech FZ06NRA045FH Datasheet HTML 2Page - Vincotech FZ06NRA045FH Datasheet HTML 3Page - Vincotech FZ06NRA045FH Datasheet HTML 4Page - Vincotech FZ06NRA045FH Datasheet HTML 5Page - Vincotech FZ06NRA045FH Datasheet HTML 6Page - Vincotech FZ06NRA045FH Datasheet HTML 7Page - Vincotech FZ06NRA045FH Datasheet HTML 8Page - Vincotech FZ06NRA045FH Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
FZ06NRA045FH
preliminary datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
1
1,55
1,8
Tj=125°C
1,66
Tj=25°C
25
Tj=125°C
23
Tj=25°C
9,9
Tj=125°C
10,7
Tj=25°C
0,108
Tj=125°C
0,113
di(rec)max
Tj=25°C
7192
/dt
Tj=125°C
5586
Tj=25°C
0,007
Tj=125°C
0,010
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
2,36
K/W
Tj=25°C
42
Tj=125°C
83
Tj=25°C
2,1
3
3,9
Tj=125°C
Tj=25°C
200
Tj=125°C
Tj=25°C
25
Tj=125°C
Tj=25°C
33
Tj=125°C
31
Tj=25°C
7
Tj=125°C
8
Tj=25°C
278
Tj=125°C
298
Tj=25°C
4
Tj=125°C
6
Tj=25°C
0,095
Tj=125°C
0,108
Tj=25°C
0,064
Tj=125°C
0,091
pF
f=1MHz
0
100
Idss
0,003
VDS=VGS
350
30
30
16
600
15
350
0
20
Thermal grease
thickness
≤50um
λ = 1 W/mK
350
Ciss
Coss
Qgs
Rgoff=8
Erec
IRRM
td(ON)
Rds(on)
V(GS)th
Igss
tr
td(OFF)
Eon
Qgd
RthJH
44
Tj=25°C
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Static drain to source ON resistance
Buck MOSFET
Gate threshold voltage
Value
Conditions
Characteristic Values
V
μC
mWs
A/
μs
m
ns
mWs
6800
K/W
190
μA
nA
Fall time
Turn off delay time
Thermal resistance chip to heatsink per chip
Turn-on energy loss per pulse
Zero Gate Voltage Drain Current
Peak reverse recovery current
Diode forward voltage
Rise Time
51
320
nC
30
Rgon=8
0
10
Total gate charge
Reverse recovered charge
Buck Diode
Gate to Source Leakage Current
Turn On Delay Time
15
tf
VF
Qg
Qrr
trr
Output capacitance
Rgon=8
Turn-off energy loss per pulse
Input capacitance
Gate to drain charge
Gate to source charge
Eoff
Tj=25°C
0,56
ns
A
V
34
150
copyright Vincotech
3
Revision: 2


Similar Part No. - FZ06NRA045FH

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NRA045FH01 VINCOTECH-FZ06NRA045FH01 Datasheet
2Mb / 27P
   Neutral point clamped inverter
More results

Similar Description - FZ06NRA045FH

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
10-F106NIA100SA-M135F VINCOTECH-10-F106NIA100SA-M135F Datasheet
3Mb / 27P
   Neutral-point-Clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com