Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL0622ZSQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGL0622ZSQ
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622ZSQ Datasheet(HTML) 6 Page - RF Micro Devices

  SGL0622ZSQ Datasheet HTML 1Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 2Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 3Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 4Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 5Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
SGL0622Z
DS140404
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Evaluation Board Layout and Bill of Materials
Ordering Information
Part Number
Description
SGL0622Z
7" Reel with 3000 pieces
SGL0622ZSQ
Sample Bag with 25 pieces
SGL0622ZSR
7" Reel with 100 pieces
SGL0622ZPCK1
100MHz to 3500MHz PCBA with 5-piece Sample Bag
RF out
RF in
Vs
68nH
1200
pF
1uF
100pF
100pF
SGL0622Z
Epad
2
41
100pF
y
Bill of Materials
C1
1x TAJB105KLRH Rohm 1.0uF
C2
1x MCH185C122KK Rohm 1200pF
C3
1x MCH185A101JK Rohm 100pF
C4
1x MCH185A101JK Rohm 100pF
C5
1x MCH185A101JK Rohm 100pF
L1
1x LL1608-FS56NJ Toko 68nH
Connectors 2x PSF-S01-1mm GigaLane Co.
Heat sink
EEF-102059
PCB
QFN2x2


Similar Part No. - SGL0622ZSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SGL0622ZSQ QORVO-SGL0622ZSQ Datasheet
509Kb / 8P
   5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results

Similar Description - SGL0622ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL-06SMT2 RFMD-SGL-06SMT2 Datasheet
1Mb / 5P
   Low Noise Amplifier 5MHz to 4000MHz
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
   5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
   Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
RF Micro Devices
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z_1 Datasheet
135Kb / 5P
   5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com