Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2118Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SPA2118Z
Description  850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2118Z Datasheet(HTML) 2 Page - RF Micro Devices

  SPA2118Z Datasheet HTML 1Page - RF Micro Devices SPA2118Z Datasheet HTML 2Page - RF Micro Devices SPA2118Z Datasheet HTML 3Page - RF Micro Devices SPA2118Z Datasheet HTML 4Page - RF Micro Devices SPA2118Z Datasheet HTML 5Page - RF Micro Devices SPA2118Z Datasheet HTML 6Page - RF Micro Devices SPA2118Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2118Z
850MHz to 950MHz Application Circuit Data, ICC=400mA, VCC=5V, IS-95, 9 Channels Forward
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Supply Current (IC1) at VCC typ.
150
mA
Max Supply Current (IC2) at VCC typ.
750
mA
Max Device Voltage (VCC) at ICC typ.
6.0
V
Max RF Input Power
10
dBm
Max Junction Temp (TJ)+160
°C
Max Storage Temp
+150
°C
Moisture Sensitivity Level
3
MSL
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
IS-95 CDMA at 880 MHz
Channel Output Power (dBm)
880 MHz Adjacent Channel Power vs. Channel Output Power
+24 dBm
+20 dBm
+16 dBm
+10 dBm
-85.0
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
-40C
25C
85C
T=+25C
dBm


Similar Part No. - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA1118Z RFMD-SPA1118Z Datasheet
436Kb / 6P
   850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com