Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2318Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SPA2318Z
Description  1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2318Z Datasheet(HTML) 6 Page - RF Micro Devices

  SPA2318Z Datasheet HTML 1Page - RF Micro Devices SPA2318Z Datasheet HTML 2Page - RF Micro Devices SPA2318Z Datasheet HTML 3Page - RF Micro Devices SPA2318Z Datasheet HTML 4Page - RF Micro Devices SPA2318Z Datasheet HTML 5Page - RF Micro Devices SPA2318Z Datasheet HTML 6Page - RF Micro Devices SPA2318Z Datasheet HTML 7Page - RF Micro Devices SPA2318Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2318Z
2110MHz to 2170MHz Application Schematic
2110MHz to 2170MHz Evaluation Board Layout and Bill of Materials
Vcc
1.8pF
18 nH
5.6pF
10uF Tantalum
39pF
1.5pF (IP3)
2.2pF (ACP)
2.7nH
1000pF
56pF
5.6nH
6.8K :
300 : 1800pF
0.1uF Tantalum
5
6
7
8
4
3
2
1
Z=50
:
, 11.6°
Tune for optimal ACP performance
Ic2
Ic1
Ibias
Vpc
External Connection
Vpc
Eval Board
ECB-101161 Rev. C
SOIC-8 PA
Vcc
C9
C1
L2
Short
L3
C7
C5
C2
C6
L1
C4
C3
C8
R1
R2
Tune for optimal ACP performance
Note: All inductors are
Toko LL1608-FS unless
noted otherwise
Sirenza Microdevices
Ref. Des.
Value
Part Number
C1
1.5pF, ±0.25pF (IP3)
2.2pF, ±0.25pF (ACP)
Rohm MCH18 series
C2
56pF, 5%
Rohm MCH18 series
C3
10uF, 10%
AVX TAJB106K020R
C4
1000pF, 5%
Rohm MCH18 series
C5
5.6pF, ±0.5pF
Rohm MCH18 series
C6
1.8pF, ±0.25pF
Rohm MCH18 series
C7
1800pF, 5%
Rohm MCH18 series
C8
0.1uF, 10%
Matsuo 267M3502104K
C9
39pF, 5%
Rohm MCH18 series
L1
2.7nH, ±0.3nH
Toko LL1608-FS series
L2
5.6nH, ±0.3nH
Toko LL1608-FS series
L3
18nH, 5%
Toko LL1608-FS series
R1
6.8K Ohm, 5%
Rohm MCR03 series
R2
300 Ohm, 5%
Rohm MCR03 series


Similar Part No. - SPA2318Z

ManufacturerPart #DatasheetDescription
logo
StarHope
SPA230F SPSEMI-SPA230F Datasheet
45Kb / 3P
   Gas Discharge Tube SPA Series
More results

Similar Description - SPA2318Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com