Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2318Z Datasheet(PDF) 7 Page - RF Micro Devices

Part # SPA2318Z
Description  1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2318Z Datasheet(HTML) 7 Page - RF Micro Devices

  SPA2318Z Datasheet HTML 1Page - RF Micro Devices SPA2318Z Datasheet HTML 2Page - RF Micro Devices SPA2318Z Datasheet HTML 3Page - RF Micro Devices SPA2318Z Datasheet HTML 4Page - RF Micro Devices SPA2318Z Datasheet HTML 5Page - RF Micro Devices SPA2318Z Datasheet HTML 6Page - RF Micro Devices SPA2318Z Datasheet HTML 7Page - RF Micro Devices SPA2318Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2318Z
Simplified Device Schematic
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1VC1
VC1 is the supply voltage for the first stage transistor. The configuration as shown on the Application Schematic is
required for optimum RF performance.
2VBIAS
VBias is the bias control pin for the active bias network. Recommended configuration is shown in the Application Sche-
matic.
3RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor as shown in the Application Schematic.
4VPC2
VPC2 is the bias control pin for the active bias network for the second stage. The recommended configuration is shown in
the Application Schematic.
5, 6,
7, 8
RF OUT / VC2 RF output and bias pins. Bias should be supplied to this pin through an external RF choke. Because DC biasing is present
on this pin, a DC blocking capacitor should be used in most applications (see Application Schematic). The supply side of
the bias network should be well bypassed. An output matching network is necessary for optimum performance.
EPAD
GND
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for thermal and
RF performance. Several vias should be located under the EPAD as shown in the recommended land pattern.
2
3
5-8
ACTIVE BIAS
NETWORK
ACTIVE BIAS
NETWORK
2
4
1
Simplified Device Schematic
A
Parame
Max. Su
Max. Su
Max. De
Max. RF


Similar Part No. - SPA2318Z

ManufacturerPart #DatasheetDescription
logo
StarHope
SPA230F SPSEMI-SPA230F Datasheet
45Kb / 3P
   Gas Discharge Tube SPA Series
More results

Similar Description - SPA2318Z

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com