Electronic Components Datasheet Search |
|
SPA2318ZSQ Datasheet(PDF) 7 Page - RF Micro Devices |
|
SPA2318ZSQ Datasheet(HTML) 7 Page - RF Micro Devices |
7 / 8 page 7 of 8 DS121024 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. SPA2318Z Simplified Device Schematic Package Drawing Dimensions in inches (millimeters) Refer to drawing posted at www.rfmd.com for tolerances. Pin Function Description 1VC1 VC1 is the supply voltage for the first stage transistor. The configuration as shown on the Application Schematic is required for optimum RF performance. 2VBIAS VBias is the bias control pin for the active bias network. Recommended configuration is shown in the Application Sche- matic. 3RF IN RF input pin. This pin requires the use of an external DC blocking capacitor as shown in the Application Schematic. 4VPC2 VPC2 is the bias control pin for the active bias network for the second stage. The recommended configuration is shown in the Application Schematic. 5, 6, 7, 8 RF OUT / VC2 RF output and bias pins. Bias should be supplied to this pin through an external RF choke. Because DC biasing is present on this pin, a DC blocking capacitor should be used in most applications (see Application Schematic). The supply side of the bias network should be well bypassed. An output matching network is necessary for optimum performance. EPAD GND Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for thermal and RF performance. Several vias should be located under the EPAD as shown in the recommended land pattern. 2 3 5-8 ACTIVE BIAS NETWORK ACTIVE BIAS NETWORK 2 4 1 Simplified Device Schematic A Parame Max. Su Max. Su Max. De Max. RF |
Similar Part No. - SPA2318ZSQ |
|
Similar Description - SPA2318ZSQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |