Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2318ZSR Datasheet(PDF) 2 Page - RF Micro Devices

Part # SPA2318ZSR
Description  1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2318ZSR Datasheet(HTML) 2 Page - RF Micro Devices

  SPA2318ZSR Datasheet HTML 1Page - RF Micro Devices SPA2318ZSR Datasheet HTML 2Page - RF Micro Devices SPA2318ZSR Datasheet HTML 3Page - RF Micro Devices SPA2318ZSR Datasheet HTML 4Page - RF Micro Devices SPA2318ZSR Datasheet HTML 5Page - RF Micro Devices SPA2318ZSR Datasheet HTML 6Page - RF Micro Devices SPA2318ZSR Datasheet HTML 7Page - RF Micro Devices SPA2318ZSR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2318Z
ACP Optimized 1960MHz Application Circuit Data, ICC=400mA, VCC=5V IS-95, 9 Channels Forward
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Supply Current (IC1) at VCC typ.
150
mA
Max Supply Current (IC2) at VCC typ.
750
mA
Max Device Voltage (VCC) at ICC typ.
6.0
V
Max RF Input Power
16
dBm
Max Junction Temp (TJ)+160
°C
Max Storage Temp
+150
°C
Moisture Sensitivity Level
3
MSL
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
-75
-70
-65
-60
-55
-50
-45
-40
16
18
20
22
24
25C
-40C
85C
1960 MHz Adjacent Channel Power
vs. Channel Output Power
dBm
IS-95 CDMA at 1960 MHz
23.75
24 dBm
21 dBm
17 dBm
13 dBm
T=25oC


Similar Part No. - SPA2318ZSR

ManufacturerPart #DatasheetDescription
logo
StarHope
SPA230F SPSEMI-SPA230F Datasheet
45Kb / 3P
   Gas Discharge Tube SPA Series
More results

Similar Description - SPA2318ZSR

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com