Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA2318Z-EVB2 Datasheet(PDF) 5 Page - RF Micro Devices

Part # SPA2318Z-EVB2
Description  1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2318Z-EVB2 Datasheet(HTML) 5 Page - RF Micro Devices

  SPA2318Z-EVB2 Datasheet HTML 1Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 2Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 3Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 4Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 5Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 6Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 7Page - RF Micro Devices SPA2318Z-EVB2 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2318Z
PCCPCH+PSCH+SSCH+CPICH+PICH+64DPCH, 10.5dB peak to average at 0.001% probability
ACP Optimized at 2140MHz Application Circuit Data, ICC=400mA, VCC=5V
-70
-65
-60
-55
-50
-45
-40
16
17
18
19
20
21
22
25C
-40C
85C
dBm
W-CDMA at 2.14 GHz Adjacent Channel Power
vs. Channel Output Power
W-CDMA at 2.14 GHz
21.6
T=25oC
25
26
27
28
29
30
31
2.11
2.12
2.13
2.14
2.15
2.16
2.17
25C
85C
-40C
15
18
21
24
27
30
2.1 1
2.1 2
2.13
2 .14
2 .15
2.16
2.17
25C
85C
-40C
GHz
Gain vs. Frequency
P1dB vs Frequency
GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
2.11
2.12
2.13
2.14
2.15
2.16
2.17
S11
S12
S22
0
100
200
300
400
500
600
01
23
4
5
6
25 C
-4 0 C
85 C
Device Current vs. Source Voltage
V
cc (V)
Input/Output Return Loss,
Isolation vs Frequency, T=25
°°°°°C
GHz


Similar Part No. - SPA2318Z-EVB2

ManufacturerPart #DatasheetDescription
logo
StarHope
SPA230F SPSEMI-SPA230F Datasheet
45Kb / 3P
   Gas Discharge Tube SPA Series
More results

Similar Description - SPA2318Z-EVB2

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com