Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5122ZSR Datasheet(PDF) 1 Page - RF Micro Devices

Part # SPF5122ZSR
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5122ZSR Datasheet(HTML) 1 Page - RF Micro Devices

  SPF5122ZSR Datasheet HTML 1Page - RF Micro Devices SPF5122ZSR Datasheet HTML 2Page - RF Micro Devices SPF5122ZSR Datasheet HTML 3Page - RF Micro Devices SPF5122ZSR Datasheet HTML 4Page - RF Micro Devices SPF5122ZSR Datasheet HTML 5Page - RF Micro Devices SPF5122ZSR Datasheet HTML 6Page - RF Micro Devices SPF5122ZSR Datasheet HTML 7Page - RF Micro Devices SPF5122ZSR Datasheet HTML 8Page - RF Micro Devices SPF5122ZSR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
1 of 12
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SPF5122Z
50MHz to 4000MHz, GaAs pHEMT LOW NOISE
MMIC AMPLIFIER
The SPF5122Z is a high performance pHEMT MMIC LNA designed for
operation from 50MHz to 4000MHz. The on-chip active bias network pro-
vides stable current over temperature and process threshold voltage vari-
ations. The SPF5122Z offers ultra-low noise figure and high linearity
performance in a gain block configuration. Its single-supply operation and
integrated matching networks make implementation remarkably simple. A
high maximum input power specification make it ideal for high dynamic
range receivers.
Gain and NF versus Frequency
Broadband Application Circuit (5V, 90mA)
1.0
4.0
7.0
10.0
13.0
16.0
19.0
22.0
25.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
Gain
NF
Ultra-Low Noise Figure=0.60dB
at 900MHz
Gain=18.9dB at 900MHz
High Linearity: OIP3=40.5dBm
at 1900MHz
Channel Power=13.4dBm (-
65dBc IS95 ACPR, 880MHz)
P1dB=23.4dBm at 1900MHz
Single-Supply Operation: 5V at
IDQ=90mA
Flexible Biasing Options: 3-5V,
Adjustable Current
Broadband Internal Matching
Applications
Cellular, PCS, W-CDMA, ISM,
WiMAX Receivers
PA Driver Amplifier
Low Noise, High Linearity Gain
Block Applications
DS110408
SPF5122Z
50MHz to
4000MHz,
GaAs pHEMT
Low Noise
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Power Gain
17.2
18.9
20.2
dB
0.9GHz
11.2
12.2
14.4
dB
1.96GHz
Output Power at 1dB Compression
20.8
22.8
dBm
0.9GHz
21.4
23.4
dBm
1.9GHz
Output Third Order Intercept Point
35.1
38.1
dBm
0.9GHz
37.2
40.5
dBm
1.9GHz
Noise Figure
0.59
0.85
dB
0.9GHz
0.65
0.9
dB
1.9GHz
Input Return Loss
10
14.3
dB
0.9 GHz
21
dB
1.9GHz
Output Return Loss
14
17
dB
0.9GHz
13
dB
1.9GHz
Reverse Isolation
24.1
dB
0.9GHz
18.4
dB
1.9GHz
Device Operating Voltage
5.00
5.25
V
Device Operating Current
75
90
105
mA
Quiescent
Thermal Resistance
65
°C/W
Junction to lead
Test Conditions: VD=5V, IDQ=90mA, OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, ZS=ZL=50, 25°C, Broadband Application Circuit


Similar Part No. - SPF5122ZSR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
   Compact type power surface mount package
SPF5104 SANKEN-SPF5104 Datasheet
117Kb / 1P
   Adopt bootstrap circuit system
logo
RF Micro Devices
SPF5189Z RFMD-SPF5189Z Datasheet
949Kb / 11P
   Broadband Internal Matching
More results

Similar Description - SPF5122ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com