Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1090-700B Datasheet(PDF) 4 Page - Tyco Electronics

Part # PH1090-700B
Description  Avionics Pulsed Power Transistor, 700 Watts,1.03-1.09 GHz, 32 mS Pulse, 2% Duty
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH1090-700B Datasheet(HTML) 4 Page - Tyco Electronics

  PH1090-700B Datasheet HTML 1Page - Tyco Electronics PH1090-700B Datasheet HTML 2Page - Tyco Electronics PH1090-700B Datasheet HTML 3Page - Tyco Electronics PH1090-700B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PH1090-700B
M/A-COM Products
Released, 30 May 07
Avionics Pulsed Power Transistor
700W, 1030-1090 MHz, 32μs Pulse, 2% Duty
4
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Test Fixture Circuit Dimensions
Test Fixture Assembly


Similar Part No. - PH1090-700B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1090-700B MA-COM-PH1090-700B Datasheet
199Kb / 4P
   Avionics Pulsed Power Transistor
logo
Tyco Electronics
PH1090-700B MACOM-PH1090-700B Datasheet
199Kb / 4P
   Avionics Pulsed Power Transistor 700W, 1030-1090 MHz, 32關s Pulse, 2% Duty
logo
M/A-COM Technology Solu...
PH1090-700B MA-COM-PH1090-700B_17 Datasheet
700Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - PH1090-700B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1214-100EL MACOM-PH1214-100EL Datasheet
238Kb / 2P
   Radar Pulsed Power Transistor, 100 Watts, 1.2 - 1.4 GHz, 2 ms Pulse, 20% Duty
PH1214-12M MACOM-PH1214-12M Datasheet
61Kb / 2P
   Radar Pulsed Power Transistor - 12 Watts,1.20-1.40 GHz, 150 mS Pulse, 10% Duty
PH1214-300M MACOM-PH1214-300M Datasheet
248Kb / 4P
   Radar Pulsed Power Transistor, 300 Watts,1.20-1.40 GHz, 150 mS Pulse, 10% Duty
PH1090-700B MACOM-PH1090-700B Datasheet
199Kb / 4P
   Avionics Pulsed Power Transistor 700W, 1030-1090 MHz, 32關s Pulse, 2% Duty
PH1090-75L MACOM-PH1090-75L Datasheet
90Kb / 1P
   AVIONICS PULSED POWER TRANSISTOR 75 WATTS, 1030 - 1090 MHz, 250us PULSE, 10% DUTY
MAPR-001011-850S00 MACOM-MAPR-001011-850S00 Datasheet
120Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 850 WATTS, 1025-1150 MHz, 10us PULSE, 1% DUTY
PH1090-550S MACOM-PH1090-550S Datasheet
64Kb / 2P
   Avionics Pulsed Power Transistor - 550 Watts,1030-1090 MHz, 10us Pulse, 1% Duty
MAPRST0912-50 MACOM-MAPRST0912-50 Datasheet
115Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 50 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
MAPR-000912-500S00 MACOM-MAPR-000912-500S00 Datasheet
122Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 500 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
PH1090-350L MACOM-PH1090-350L Datasheet
62Kb / 2P
   Avionics Pulsed Power Transistor - 350 Watts,1030-1090 MHz, 250us Pulse, 10% Duty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com