Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZA2044ZSR Datasheet(PDF) 7 Page - RF Micro Devices

Part # SZA2044ZSR
Description  700MHz to 2.7GHz 5V 1W Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA2044ZSR Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SZA2044ZSR Datasheet HTML 3Page - RF Micro Devices SZA2044ZSR Datasheet HTML 4Page - RF Micro Devices SZA2044ZSR Datasheet HTML 5Page - RF Micro Devices SZA2044ZSR Datasheet HTML 6Page - RF Micro Devices SZA2044ZSR Datasheet HTML 7Page - RF Micro Devices SZA2044ZSR Datasheet HTML 8Page - RF Micro Devices SZA2044ZSR Datasheet HTML 9Page - RF Micro Devices SZA2044ZSR Datasheet HTML 10Page - RF Micro Devices SZA2044ZSR Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
DS121211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZA-2044(Z)
Pin Names and Descriptions
Pin
Name
Description
1, 2,
4, 5,
7, 9,
11,
13,
15,
17, 19
N/C
These are unused pins and not wired inside the package. They may be grounded or connected to adjacent pins.
6VPC1
VPC1 is the bias control pin for the stage 1 active bias circuit. An external series resistor is required for proper setting of
bias levels. Refer to the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage
to this pin that is +1V greater than voltage applied to pin 20 (Vbias) unless Vpc supply current capability is less than
10mA.
8VPC2
VPC2 is the bias control pin for the stage 2 active bias circuit. An external series resistor is required for proper setting of
bias levels. Refer to the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage
to this pin that is +1V greater than voltage applied to pin 20 (Vbias) unless Vpc supply current capability is less than
10mA.
10
VDET
Output power detector voltage. Load with >10K
 for best performance
3RF IN
RF input pin. This is DC grounded internal to the IC. Do not apply voltage to this pin.
12,14
RF OUT
RF output pin. This is also another connection to the 2nd stage collector.
16
VC2
2nd stage collector bias pin. Apply 3.0V to 5.0V to this pin.
18
VC1
1st stage collector bias pin. Apply 3.0V to 5.0V to this pin.
20
VBIAS
Active bias network VCC. Apply 3.0V to 5.0V to this pin.
EPAD
GND
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for optimum ther-
mal and RF performance. Several vias should be located under the EPAD as shown in the recommended land pattern.


Similar Part No. - SZA2044ZSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-2044Z ETC1-SZA-2044Z Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044Z SIRENZA-SZA-2044Z Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
More results

Similar Description - SZA2044ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com