Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZA2044ZPCK-EVB2 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SZA2044ZPCK-EVB2
Description  700MHz to 2.7GHz 5V 1W Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA2044ZPCK-EVB2 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SZA2044ZPCK-EVB2 Datasheet HTML 2Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 3Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 4Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 5Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 6Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 7Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 8Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 9Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
DS121211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZA-2044(Z)
Performance: 2.3GHz to 2.7GHz Evaluation Board Data (VCC = VPC = 5.0V, IQ = 300mA)
802.11b Spectral Regrowth vs. Output Power at 2.4 GHz
20
25
30
35
40
45
50
55
60
65
70
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Output Power (dBm)
Adjacent Channel (-dBr)
Alternate Channel (-dBr)
RBW
100
kHz
VBW
100
kHz
SWT
1
s
A
*
*
SGL
Att
5
dB
*
*
*
1
RM
CL RWR
*
Ref
27.6
dB m
Off set
31.4
dB
LVL
Center
2.4
GHz
Span
66.53384837
MHz
6.6 53384837
MHz/
EXT
-70
-60
-50
-40
-30
-20
-10
0
10
20
CH
PWR
27.7 7
dBm
ACP
Low
-37.7 1
dB
ACP
Up
-37.2 7
dB
ALT1
Low
-51.3 9
dB
ALT1
Up
-50.0 5
dB
Date:
3.A UG.2 004
15:48: 28
Output Power Spectrum 802.11b 11mbps cck, Pout = 27.8dBm at 2.4GHz


Similar Part No. - SZA2044ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-2044Z ETC1-SZA-2044Z Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044Z SIRENZA-SZA-2044Z Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
More results

Similar Description - SZA2044ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com