Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZA2044ZPCK-EVB2 Datasheet(PDF) 8 Page - RF Micro Devices

Part # SZA2044ZPCK-EVB2
Description  700MHz to 2.7GHz 5V 1W Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA2044ZPCK-EVB2 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button SZA2044ZPCK-EVB2 Datasheet HTML 4Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 5Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 6Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 7Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 8Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 9Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 10Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 11Page - RF Micro Devices SZA2044ZPCK-EVB2 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
DS121211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZA-2044(Z)
Package Drawing
Dimensions in Millimeters (Inches)
Refer to drawing posted at www.rfmd.com for tolerances.
SZA-2044 - 85/15 Sn/Pb plating
SZA-2044Z - Matte Sn plating
Part Symbolization
The part will be symbolized with an “SZA-2044” for Sn/Pb plating or “SZA-2044Z” for RoHS green compliant product. Marking
designator will be on the top surface of the package.


Similar Part No. - SZA2044ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-2044Z ETC1-SZA-2044Z Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044Z SIRENZA-SZA-2044Z Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
More results

Similar Description - SZA2044ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com