Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZM2166ZSQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # SZM2166ZSQ
Description  2.3GHz to 2.7GHz 2W POWER AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM2166ZSQ Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SZM2166ZSQ Datasheet HTML 2Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 3Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 4Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 5Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 6Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 7Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 8Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 9Page - RF Micro Devices SZM2166ZSQ Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6 of 21
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-2166Z
Broadband S21 - Forward Gain, F=2.3-2.4GHz
10
15
20
25
30
35
40
45
012
3456
Frequency(GHz)
-40C
+25C
+85C
Broadband S11 -Input Return Loss, F=2.3-2.4GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
4
5
6
Frequency(GHz)
-40C
+25C
+85C
Broadband S22 - Output Return Loss, F=2.3-2.4GHz
-25
-20
-15
-10
-5
0
01
23
4
5
6
Frequency(GHz)
-40C
+25C
+85C
2.3-2.4GHz 20dB Step Attenuator Gain Delta vs Temp.
Attenuator Enabled VPC2=0V
20
22
24
26
28
30
32
34
2.3
2.31
2.32
2.33
2.34
2.35
2.36
2.37
2.38
2.39
2.4
Frequency(GHz)
T=-40c
T=+25c
T=+85c


Similar Part No. - SZM2166ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM2066Z RFMD-SZM2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2066ZPCK-EVB2 RFMD-SZM2066ZPCK-EVB2 Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2066ZPCK-EVB3 RFMD-SZM2066ZPCK-EVB3 Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2066ZSQ RFMD-SZM2066ZSQ Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2066ZSR RFMD-SZM2066ZSR Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
More results

Similar Description - SZM2166ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com