Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZM2066Z Datasheet(PDF) 8 Page - RF Micro Devices

Part # SZM2066Z
Description  2.4GHz to 2.7GHz 2W POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM2066Z Datasheet(HTML) 8 Page - RF Micro Devices

Back Button SZM2066Z Datasheet HTML 4Page - RF Micro Devices SZM2066Z Datasheet HTML 5Page - RF Micro Devices SZM2066Z Datasheet HTML 6Page - RF Micro Devices SZM2066Z Datasheet HTML 7Page - RF Micro Devices SZM2066Z Datasheet HTML 8Page - RF Micro Devices SZM2066Z Datasheet HTML 9Page - RF Micro Devices SZM2066Z Datasheet HTML 10Page - RF Micro Devices SZM2066Z Datasheet HTML 11Page - RF Micro Devices SZM2066Z Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8 of 18
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-2066Z
Measured 2.5GHz to 2.7GHz Application Circuit Data (VCC=VPC=5.0V, IQ=583mA, T=25°C)
Narrow band S11 - Input Return Loss
-25
-20
-15
-10
-5
0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
Narrow band S12 - Reverse Isolation
-75
-70
-65
-60
-55
-50
-45
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
Narrow band S21 - Forw ard Gain
26
28
30
32
34
36
38
40
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
Narrow band S22 - O utput Return Loss
-30
-25
-20
-15
-10
-5
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
DC Supply Current vs Pout, F=2.5GHz
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
DC Supply Current vs Pout, F=2.7GHz
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c


Similar Part No. - SZM2066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM2166Z RFMD-SZM2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB1 RFMD-SZM2166ZPCK-EVB1 Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB2 RFMD-SZM2166ZPCK-EVB2 Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB3 RFMD-SZM2166ZPCK-EVB3 Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZSQ RFMD-SZM2166ZSQ Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results

Similar Description - SZM2066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
RF5652 RFMD-RF5652 Datasheet
2Mb / 21P
   5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com