Electronic Components Datasheet Search |
|
SZM3166ZPCK-EVB1 Datasheet(PDF) 2 Page - RF Micro Devices |
|
SZM3166ZPCK-EVB1 Datasheet(HTML) 2 Page - RF Micro Devices |
2 / 12 page 2 of 12 DS110620 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. SZM-3166Z Typical Performance 3.3GHz to 3.6GHz App Circuit (VCC=5.2V, ICQ=800mA, *802.11g 54Mb/s 64QAM) Simplified Device Schematic Absolute Maximum Ratings Parameter Rating Unit VC3 Collector Bias Current (IVC3) 1500 mA VC2 Collector Bias Current (IVC2) 600 mA VC1 Collector Bias Current (IVC1) 300 mA **Device Voltage (VD)9.0 V Power Dissipation (PDISS)6 W Operating Temp Range (TL) -40 to +85 °C *Max RF output Power for 50 con- tinuous long term operation 30 dBm Max RF Input Power (CW) for 50 output load 29 dBm Max RF input Power for 10:1 VSWR output load 5dBm Max Storage Temp +150 °C Operating Junction Temperature (TJ)+150 °C ESD Rating - Human Body Model (HBM) Class IC *With specified application circuit **No RF Drive Operation of this device beyond any one of these limits may cause permanent dam- age. For reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias Conditions should also satisfy the following expression: IDVD<(TJ-TL)/RTH, j-l Parameter Unit 3.3GHz 3.4GHz 3.5GHz 3.6Ghz 3.7GHz 3.8GHz Gain @ POUT=26dBm dB 35 35 35 35 33 31.5 P1dB dBm 34.0 34.5 35.0 34.5 34.0 33.0 % EVM @ POUT=27dBm* % 2.7 2.5 2.5 2.6 3.1 4.0 Current @ POUT 2.5% EVM* mA 930 930 920 893 910 885 Input Return Loss dB 14.0 15.0 15.5 17.0 18.5 15.5 Output Return Loss dB 9 10 10 987 Caution! ESD sensitive device. Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical perfor- mance or functional operation of the device under Absolute Maximum Rating condi- tions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. VBIAS12 RFOUT NC RFIN VC1 RFOUT RFOUT RFOUT RFOUT RFOUT VPC2 VPC1 NC NC NC NC GND GND GND GND 11 10 40 30 20 1 31 21 |
Similar Part No. - SZM3166ZPCK-EVB1 |
|
Similar Description - SZM3166ZPCK-EVB1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |