Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D2700 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D2700
Description  7-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D2700 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D2700 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D2700 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3D2700
Doc #14022
DATA DELAY DEVICES, INC.
2
1/5/2015
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
 3oC
Rload:
10M
Input Pulse:
High = +0.5V typical
Cload:
10pf
Low = -0.5V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
 Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width:
PWIN = 100ns
Period:
PERIN = 1000ns
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
IN
OUT
OUT
TRIG
IN
TRIG
Test Setup (Delay Measurements)
DEVICE UNDER
TEST (DUT)
OSCILLOSCOP
E
PULSE
GENERATOR
50
ROUT
RIN
RIN = ROUT = ZLINE
IN
Test Setup (Frequency Response)
DEVICE
UNDER
TEST
NETWORK
ANALYZER
(HP 3577A)
OUT
IN R
IN A
IN B
GND
IN
OUT B
50-OHM
SIGNAL
DIVIDER
(HP 35676
-66301)
OUT R
OUT A
Coax
Coax
Coax
Coax
RF
OUT
GND
IMPEDANCE
MATCHING
NETWORK
IMPEDANCE
MATCHING
NETWORK


Similar Part No. - 3D2700

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
3D2-14LCS SEMICOA-3D2-14LCS Datasheet
1Mb / 6P
   POWER THERMISTOR
logo
Altech corporation
3D2.5UM ALTECH-3D2.5UM Datasheet
547Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
3D20UM ALTECH-3D20UM Datasheet
547Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
3D25UM ALTECH-3D25UM Datasheet
547Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
logo
Advanced Power Electron...
3D2R6C A-POWER-3D2R6C Datasheet
140Kb / 8P
   ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 3D2700

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D10000 DATADELAY-3D10000 Datasheet
220Kb / 2P
   5-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
3D9950 DATADELAY-3D9950 Datasheet
219Kb / 2P
   8-BIT ADJUSTABLE, COAXIAL PASSIVE DELAY LINE
2075 DATADELAY-2075 Datasheet
34Kb / 2P
   FIXED HIGH B.W. DELAY LINE TR < 1ns
logo
PCA ELECTRONICS INC.
EPA3643-0.0 PCA-EPA3643-0.0 Datasheet
37Kb / 1P
   7 Pin Single-in-Line Passive Delay Lines
EPA3192 PCA-EPA3192 Datasheet
19Kb / 1P
   SMD Passive Delay Line
EP1206XX PCA-EP1206XX_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP120650 PCA-EP120650 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA572-5A PCA-EPA572-5A Datasheet
15Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA572 PCA-EPA572_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
logo
Data Delay Devices, Inc...
PDU17F DATADELAY-PDU17F Datasheet
43Kb / 5P
   7-BIT PROGRAMMABLE DELAY LINE (SERIES PDU17F)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com