Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D9950-0.5A Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D9950-0.5A
Description  8-BIT ADJUSTABLE, COAXIAL PASSIVE DELAY LINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D9950-0.5A Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D9950-0.5A Datasheet HTML 1Page - Data Delay Devices, Inc. 3D9950-0.5A Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3D9950
Doc #14023
DATA DELAY DEVICES, INC.
2
1/5/2015
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
 3oC
Rload:
10M
Input Pulse:
High = +0.5V typical
Cload:
10pf
Low = -0.5V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
 Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width:
PWIN = 100ns
Period:
PERIN = 1000ns
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
IN
OUT
OUT
TRIG
IN
TRIG
Test Setup (Delay Measurements)
DEVICE UNDER
TEST (DUT)
OSCILLOSCOP
E
PULSE
GENERATOR
50
ROUT
RIN
RIN = ROUT = ZLINE
IN
Test Setup (Frequency Response)
DEVICE
UNDER
TEST
NETWORK
ANALYZER
(HP 3577A)
OUT
IN R
IN A
IN B
GND
IN
OUT B
50-OHM
SIGNAL
DIVIDER
(HP 35676
-66301)
OUT R
OUT A
Coax
Coax
Coax
Coax
RF
OUT
GND
IMPEDANCE
MATCHING
NETWORK
IMPEDANCE
MATCHING
NETWORK


Similar Description - 3D9950-0.5A

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D10000 DATADELAY-3D10000 Datasheet
220Kb / 2P
   5-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
3D2700 DATADELAY-3D2700 Datasheet
232Kb / 2P
   7-BIT ADJUSTABLE, HIGH B.W. PASSIVE DELAY LINE
logo
PCA ELECTRONICS INC.
EPA3192 PCA-EPA3192 Datasheet
19Kb / 1P
   SMD Passive Delay Line
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
logo
PCA ELECTRONICS INC.
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP123XXX PCA-EP123XXX_15 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
logo
Data Delay Devices, Inc...
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com