Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5189Z Datasheet(PDF) 7 Page - RF Micro Devices

Part # SPF5189Z
Description  Broadband Internal Matching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5189Z Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SPF5189Z Datasheet HTML 3Page - RF Micro Devices SPF5189Z Datasheet HTML 4Page - RF Micro Devices SPF5189Z Datasheet HTML 5Page - RF Micro Devices SPF5189Z Datasheet HTML 6Page - RF Micro Devices SPF5189Z Datasheet HTML 7Page - RF Micro Devices SPF5189Z Datasheet HTML 8Page - RF Micro Devices SPF5189Z Datasheet HTML 9Page - RF Micro Devices SPF5189Z Datasheet HTML 10Page - RF Micro Devices SPF5189Z Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
DS110606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5189Z
De-embedded Device S-parameters (Bias Tee Data)
S11 versus Frequency (5V, 90mA)
S22 versus Frequency (5V, 90mA)
GMAX versus Frequency
(5V, 90mA)
0
5
10
15
20
25
30
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Frequency (GHz)
Gmax
Gain


Similar Part No. - SPF5189Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
   Compact type power surface mount package
SPF5104 SANKEN-SPF5104 Datasheet
117Kb / 1P
   Adopt bootstrap circuit system
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122ZPCK1 RFMD-SPF5122ZPCK1 Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122ZSQ RFMD-SPF5122ZSQ Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
More results

Similar Description - SPF5189Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC192207SH INFINEON-PXFC192207SH Datasheet
1Mb / 8P
   Broadband internal input and output matching
logo
Mini-Circuits
BMP-5075++ MINI-BMP-5075+ Datasheet
134Kb / 1P
   Matching Pad
logo
Rosenberger Hochfrequen...
51S171-K00N4 ROSENBERGER-51S171-K00N4 Datasheet
191Kb / 2P
   MATCHING ATTENUATOR
logo
Mini-Circuits
Z7550-FFSF MINI-Z7550-FFSF Datasheet
324Kb / 2P
   Matching Transformer
Z7550-BMBF MINI-Z7550-BMBF Datasheet
379Kb / 2P
   Matching Transformer
logo
Rosenberger Hochfrequen...
05S1P5-K2AS3 ROSENBERGER-05S1P5-K2AS3 Datasheet
563Kb / 2P
   Matching Attenuator
logo
API Technologies Corp
TEW4087 APITECH-TEW4087 Datasheet
393Kb / 1P
   Matching Transformer
logo
Mini-Circuits
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
   Matching Pad
Z7550-BFNF MINI-Z7550-BFNF Datasheet
284Kb / 2P
   Matching Transformer
ALMP-5075++ MINI-ALMP-5075+ Datasheet
214Kb / 1P
   Matching Pad
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com