Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN26020DMF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTN26020DMF
Description  HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN26020DMF Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTN26020DMF_15 Datasheet HTML 1Page - Diodes Incorporated ZXTN26020DMF_15 Datasheet HTML 2Page - Diodes Incorporated ZXTN26020DMF_15 Datasheet HTML 3Page - Diodes Incorporated ZXTN26020DMF_15 Datasheet HTML 4Page - Diodes Incorporated ZXTN26020DMF_15 Datasheet HTML 5Page - Diodes Incorporated ZXTN26020DMF_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTN26020DMF
Documnt Number: DS31953 Rev. 2 - 1
4 of 6
www.diodes.com
September 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN26020DMF
0.1
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.001
0.01
0.1
1
T = -55°C
A
I/I = 20
CB
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
V
= 5V
CE
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Saturation Voltage
vs. Collector Current
I
= 10
CB
/I
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
1
10
100
1,000
0
5
10
15
20
25
30
35
40
V , REVERSE VOLTAGE (V)
R
Fig. 9 Typical Capacitance Characteristics
C
ibo
Cobo
f = 1MHz
0
100
200
300
400
500
0
5
10
15
20
25
30
35
40
45
50
I , COLLECTOR CURRENT (mA)
C
Fig. 10 Typical Gain-Bandwidth Product vs. Collector Current
V
= 10V
CE
Fig. 11 Collector Cutoff Current vs. Ambient Temperature
1
10
100
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 20V
I = 0
CBE
C


Similar Part No. - ZXTN26020DMF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26020DMFTA DIODES-ZXTN26020DMFTA Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
ZXTN26020DMF_V1 DIODES-ZXTN26020DMF_V1 Datasheet
259Kb / 2P
   Industry smallest 1.5A transistor
More results

Similar Description - ZXTN26020DMF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26020DMF DIODES-ZXTN26020DMF Datasheet
141Kb / 6P
   HIGH GAIN, LOW VCE(SAT) NPN BIPOLAR TRANSISTOR
DS31953 Rev. 2 - 1
logo
Taiwan Semiconductor Co...
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
TSD1760 TSC-TSD1760 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCX56-16-AU PANJIT-BCX56-16-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBSS4232DD PANJIT-PBSS4232DD Datasheet
556Kb / 6P
   NPN Low Vce(sat) Transistor
February 4,2020 PBSS4232DD-REV.00
PBHV8110DH-AU PANJIT-PBHV8110DH-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH PANJIT-PBHV8110DH Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
logo
Taiwan Semiconductor Co...
TSD882 TSC-TSD882 Datasheet
49Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCP56-16-AU PANJIT-BCP56-16-AU Datasheet
402Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com