Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP722MA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP722MA
Description  70V PNP LOW SATURATION TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP722MA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP722MA_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP722MA_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP722MA_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP722MA_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP722MA_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP722MA_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP722MA_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTP722MA
Document Number DS31885 Rev. 5 - 2
2 of 7
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP722MA
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-70
V
Collector-Emitter Voltage
VCEO
-70
Emitter-Base Voltage
VEBO
-7
Peak Pulse Current
ICM
-3
A
Continuous Collector Current
(Note 3)
IC
-2.5
(Note 4)
-2.7
Base Current
IB
-1
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 3)
PD
1.5
12
W
mW/
°C
(Note 4)
2.45
19.6
Thermal Resistance, Junction to Ambient
(Note 3)
RθJA
83
°C/W
(Note 4)
51
Thermal Resistance, Junction to Lead
(Note 5)
RθJL
16.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. For a device surface mounted on 31mm x 31mm (10cm
2) FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition. The entire exposed collector pad is attached to the heatsink.
4. Same as note (3), except the device is measured at t
≤ 5 sec.
5. For a single device, thermal resistance from junction to solder-point (at the end of the drain lead).


Similar Part No. - ZXTP722MA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP722MATA DIODES-ZXTP722MATA Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTP722MA_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
ZXTP722MA DIODES-ZXTP722MA Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
FMMT722 DIODES-FMMT722_15 Datasheet
286Kb / 7P
   70V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTN26070CV DIODES-ZXTN26070CV Datasheet
145Kb / 7P
   70V NPN LOW SATURATION TRANSISTOR IN SOT-666
ZXTN26070CV DIODES-ZXTN26070CV_15 Datasheet
145Kb / 7P
   70V NPN LOW SATURATION TRANSISTOR IN SOT-666
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com