Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC761A-WCY04 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PLC761A-WCY04
Description  Piranha LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLC761A-WCY04 Datasheet(HTML) 1 Page - P-tec Corporation

  PLC761A-WCY04 Datasheet HTML 1Page - P-tec Corporation PLC761A-WCY04 Datasheet HTML 2Page - P-tec Corporation PLC761A-WCY04 Datasheet HTML 3Page - P-tec Corporation PLC761A-WCY04 Datasheet HTML 4Page - P-tec Corporation PLC761A-WCY04 Datasheet HTML 5Page - P-tec Corporation PLC761A-WCY04 Datasheet HTML 6Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
www.p-tec.net
100814 Rev0 JAS
Page 1 of 6
PRODUCT SPECIFICATION
Part Number
PLC761A-WCY04
Details
• Piranha LED
• 7.62 x 7.62 x 9.4mm
• Emitting Color Yellow
• AlInGaP Dice Used
Features
• 3mm Lens
• High Luminous Output
• High Current Operation
• RoHS Compliant
Mechanical Dimensions
Notes: 
1. Dimensions in millimeters [inch], and tolerance is ±0.25 [.010] unless otherwise noted.
2. Specifications subject to change without notice


Similar Part No. - PLC761A-WCY04

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC761A-WCR04 P-TEC-PLC761A-WCR04 Datasheet
343Kb / 6P
   Piranha LED
More results

Similar Description - PLC761A-WCY04

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC760-WCG04 P-TEC-PLC760-WCG04 Datasheet
367Kb / 6P
   Piranha LED
PLC761-WCB04 P-TEC-PLC761-WCB04 Datasheet
348Kb / 6P
   Piranha LED
PLC761A-WCR04 P-TEC-PLC761A-WCR04 Datasheet
343Kb / 6P
   Piranha LED
PLC764-WCB04 P-TEC-PLC764-WCB04 Datasheet
361Kb / 6P
   Piranha LED
PLC760-WCB04 P-TEC-PLC760-WCB04 Datasheet
337Kb / 6P
   Piranha LED
PLC762A-WCY04 P-TEC-PLC762A-WCY04 Datasheet
377Kb / 6P
   Piranha LED
PLC763-WCW04 P-TEC-PLC763-WCW04 Datasheet
498Kb / 7P
   Piranha LED
PLC760A-WCY04 P-TEC-PLC760A-WCY04 Datasheet
357Kb / 6P
   Piranha LED
PLC761-WCG04 P-TEC-PLC761-WCG04 Datasheet
397Kb / 6P
   Piranha LED
PLC762-WCG04 P-TEC-PLC762-WCG04 Datasheet
387Kb / 6P
   Piranha LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com