Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP2008G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2008G
Description  30V PNP LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2008G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2008G_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP2008G_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP2008G_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP2008G_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP2008G_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP2008G_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
BVCEO = -30V : RSAT = 31m ; IC = -5.5A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 30V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
5.5 Amps continuous current
Up to 20 amps peak current
Very low saturation voltages
Exceptional gain linearity down to 10mA
APPLICATIONS
DC - DC converters
MOSFET gate drivers
Charging circuits
Power switches
Motor control
DEVICE MARKING
ZXTP
2008
ZXTP2008G
ISSUE 1 - JUNE 2005
30V PNP LOW SATURATION TRANSISTOR IN SOT223
1
PINOUT
TOP VIEW
SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2008GTA
7”
12mm
embossed
1,000 units
ZXTP2008GTC
13”
4,000 units
ORDERING INFORMATION


Similar Part No. - ZXTP2008G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2008G DIODES-ZXTP2008G_16 Datasheet
450Kb / 7P
   30V PNP LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTP2008G_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T949G ZETEX-ZX5T949G Datasheet
119Kb / 6P
   30V PNP LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T949G DIODES-ZX5T949G Datasheet
128Kb / 6P
   30V PNP LOW SATURATION TRANSISTOR IN SOT223
ZX5T949G DIODES-ZX5T949G_15 Datasheet
128Kb / 6P
   30V PNP LOW SATURATION TRANSISTOR IN SOT223
ZXTP2008G DIODES-ZXTP2008G Datasheet
120Kb / 6P
   30V PNP LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2008G ZETEX-ZXTP2008G Datasheet
111Kb / 6P
   30V PNP LOW SATURATION TRANSISTOR IN SOT223
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T849G DIODES-ZX5T849G Datasheet
126Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com