Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP03200BZ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP03200BZ
Description  200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP03200BZ Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP03200BZ_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP03200BZ_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP03200BZ_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP03200BZ_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP03200BZ_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP03200BZ_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP03200BZ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXTP03200BZ
Document Number DS31902 Rev. 2 - 2
5 of 7
www.diodes.com
August 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP03200BZ
20 0V P N P LO W V CE(sat) TRAN SIST OR IN SOT -89
Typical Characteristics


Similar Part No. - ZXTP03200BZ_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP03200BZTA ZETEX-ZXTP03200BZTA Datasheet
175Kb / 8P
   200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BZTA DIODES-ZXTP03200BZTA Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
More results

Similar Description - ZXTP03200BZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP03200BZ DIODES-ZXTP03200BZ Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
logo
Zetex Semiconductors
ZXTP03200BG ZETEX-ZXTP03200BG Datasheet
185Kb / 8P
   200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG Datasheet
192Kb / 8P
   200V PNP Low VCE(sat) transistor in SOT223
logo
Zetex Semiconductors
ZXTP03200BZ ZETEX-ZXTP03200BZ Datasheet
175Kb / 8P
   200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG_15 Datasheet
192Kb / 8P
   200V PNP Low VCE(sat) transistor in SOT223
ZXTN649F DIODES-ZXTN649F Datasheet
122Kb / 7P
   NPN LOW VCE(sat) TRANSISTOR IN SOT-23
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com