Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2729-150M Datasheet(PDF) 1 Page - Tyco Electronics

Part # PH2729-150M
Description  Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH2729-150M Datasheet(HTML) 1 Page - Tyco Electronics

  PH2729-150M Datasheet HTML 1Page - Tyco Electronics PH2729-150M Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• NPN Silicon Microwave Power Transistor
• Common Base Configuration
• Broadband Class C Operation
• High Efficiency Interdigitated Geometry
• Diffused Emitter Ballasting Resistors
• Gold Metallization System
• Internal Input and Output Impedance Matching
• Hermetic Metal/Ceramic Package
Outline Drawing
1
Notes: (unless otherwise specified)
1. Tolerances are: inches ± .005” (millimeters ± 0.13mm)
Electrical Specifications at 25°C
====
Absolute Maximum Rating at 25°C
Description
M/A-COM’s PH2729-150M is a silicon bipolar NPN transistor
specifically designed for use in high efficiency, common base,
Class C microwave power amplifiers. It is ideally suited for S-
Band radar and pulsed power applications where the highest
gain and saturated power are required.
The flanged ceramic
package provides for excellent thermal and hermetic properties,
which when combined with M/A-COM’s mature transistor fab-
rication technology results in the highest reliability available.
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCES
65
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current (Peak)
IC
15.0
A
Power Dissipation
PD
500
W
Storage Temperature
TSTG
-65 to +200
°C
Junction Temperature
TJ
200
°C
Symbol
Parameter
Test Conditions
Min
Max
Units
BVCES
Collector-Emitter Breakdown Voltage
IC = 40 mA
65
-
V
ICES
Collector-Emitter Leakage Current
VCE = 38 V
-
7.5
mA
RTH(JC)
Thermal Resistance
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
-
0.4
°C/W
POUT
Output Power
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
150
-
W
GP
Power Gain
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
8.3
-
dB
η
Collector Efficiency
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
38
-
%
RL
Input Return Loss
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
10
-
dB
OD-S
Overdrive Stability (Osc.)
VCC = 38 V, PIN = 27.5 W, f = 2.7, 2.8, 2.9 GHz
-
60
dBc
VSWR-T
Load Mismatch Tolerance
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
-
2:1
-
VSWR-S
Load Mismatch Stability
VCC = 38 V, PIN = 22 W, f = 2.7, 2.8, 2.9 GHz
-
1.5:1
-
Radar Pulsed Power Transistor—150 Watts
2.7-2.9 GHz, 100µs Pulse, 10% Duty
PH2729-150M
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
1


Similar Part No. - PH2729-150M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-150M MA-COM-PH2729-150M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results

Similar Description - PH2729-150M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2931-20M MACOM-PH2931-20M Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor, 20W,100ms Pulse, 10% Duty 2.9-3.1 GHz
PH2931-5M MACOM-PH2931-5M Datasheet
163Kb / 2P
   Radar Pulsed Power Transistor,5W,100ms Pulse, 10% Duty 2.9-3.1 GHz
PH2729-130M MACOM-PH2729-130M Datasheet
93Kb / 1P
   Radar Pulsed Power Transistor, 130W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
PH2729-8.5M MACOM-PH2729-8.5M Datasheet
158Kb / 2P
   Radar Pulsed Power Transistor, 8.5W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
PH2729-110M MACOM-PH2729-110M Datasheet
157Kb / 2P
   Radar Pulsed Power Transistor, 110W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
PH2729-65M MACOM-PH2729-65M Datasheet
158Kb / 2P
   Radar Pulsed Power Transistor, 65W, loops Pulse, 10% Duty 2.7 - 2.9 GHz
PH2729-25M MACOM-PH2729-25M Datasheet
99Kb / 2P
   RADAR PULSED POWER TRANSISTOR 25 WATTS, 2.70-2.90 GHz, 100ms PULSE, 10% DUTY
PHA2729-300M MACOM-PHA2729-300M Datasheet
100Kb / 2P
   Radar Pulsed Power Module, 300 Watts, 2.7-2.9 GHz, 100 uS Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-110M MA-COM-PH2729-110M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-110M MACOM-PH2729-110M_07 Datasheet
133Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com