Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTR2008K Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTR2008K
Description  100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2008K Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTR2008K_15 Datasheet HTML 1Page - Diodes Incorporated ZXTR2008K_15 Datasheet HTML 2Page - Diodes Incorporated ZXTR2008K_15 Datasheet HTML 3Page - Diodes Incorporated ZXTR2008K_15 Datasheet HTML 4Page - Diodes Incorporated ZXTR2008K_15 Datasheet HTML 5Page - Diodes Incorporated ZXTR2008K_15 Datasheet HTML 6Page - Diodes Incorporated ZXTR2008K_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXTR2008K
Document number: DS36329 Rev. 2 - 2
6 of 7
www.diodes.com
December 2013
© Diodes Incorporated
ZXTR2008K
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TO252
Dim Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88 0.783
b2
0.76
1.14
0.95
b3
5.21
5.46
5.33
c2
0.45
0.58 0.531
D
6.00
6.20
6.10
D1
5.21
e
2.286
E
6.45
6.70
6.58
E1
4.32
H
9.40 10.41 9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
All Dimensions in mm
Dimensions
Value (in mm)
Z
11.6
X1
1.5
X2
7.0
Y1
2.5
Y2
7.0
C
6.9
E1
2.3
b3
E
2X b2
D
L4
A
c2
e
A1
L
L3
3X b
a
H
A2
E1
X2
C
Z
X1
Y1
E1
Y2


Similar Part No. - ZXTR2008K_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008K-13 DIODES-ZXTR2008K-13 Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K-13 DIODES-ZXTR2008K-13 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
More results

Similar Description - ZXTR2008K_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008K DIODES-ZXTR2008K Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008P5 DIODES-ZXTR2008P5_17 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
ZXTR2008P5 DIODES-ZXTR2008P5_15 Datasheet
347Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008P5 DIODES-ZXTR2008P5 Datasheet
353Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2012K DIODES-ZXTR2012K Datasheet
278Kb / 7P
   100V INPUT, 12V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com