Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7420PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7420PBF
Description  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7420PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7420PBF Datasheet HTML 1Page - International Rectifier IRF7420PBF Datasheet HTML 2Page - International Rectifier IRF7420PBF Datasheet HTML 3Page - International Rectifier IRF7420PBF Datasheet HTML 4Page - International Rectifier IRF7420PBF Datasheet HTML 5Page - International Rectifier IRF7420PBF Datasheet HTML 6Page - International Rectifier IRF7420PBF Datasheet HTML 7Page - International Rectifier IRF7420PBF Datasheet HTML 8Page - International Rectifier IRF7420PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7420PbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
0.0
2.0
4.0
6.0
8.0
-VGS, Gate -to -Source Voltage (V)
0.005
0.010
0.015
0.020
0.025
ID = -11.5A
0.0
10.0
20.0
30.0
40.0
50.0
-ID , Drain Current ( A )
0
0.02
0.04
0.06
0.08
VGS = -2.5V
VGS = -1.8V
VGS = -4.5V


Similar Part No. - IRF7420PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7420PBF IRF-IRF7420PBF Datasheet
173Kb / 9P
   HEXFET Power MOSFET
IRF7420PBF-1 IRF-IRF7420PBF-1 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7420PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com