Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130149-0028 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130149-0028
Description  Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA L6-20, 250V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130149-0028 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130149-0028 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130149-0028
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Safeway® Flanged Inlet, 2 Pole/3 Wire, NEMA L6-20, 250V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130149
IP Rating
N/A
NEMA Configuration
NEMA L6-20
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Safeway®
Receptacle Type
Single
Specialty
N/A
Type
Inlet
UPC
78678802648
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
Yes
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
2648MB
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130149Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130149-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0020 MOLEX11-130149-0020 Datasheet
52Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
130149-0021 MOLEX11-130149-0021 Datasheet
43Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
130149-0024 MOLEX11-130149-0024 Datasheet
44Kb / 1P
   Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA, 250V
130149-0027 MOLEX11-130149-0027 Datasheet
46Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
130149-0029 MOLEX11-130149-0029 Datasheet
41Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
More results

Similar Description - 130149-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490028 MOLEX11-1301490028 Datasheet
32Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA L6-20, 250V
1301490049 MOLEX11-1301490049 Datasheet
34Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
130149-0049 MOLEX11-130149-0049 Datasheet
42Kb / 1P
   Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
1301490024 MOLEX11-1301490024 Datasheet
36Kb / 1P
   Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA, 250V
130149-0024 MOLEX11-130149-0024 Datasheet
44Kb / 1P
   Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA, 250V
1301490040 MOLEX11-1301490040 Datasheet
36Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
130149-0040 MOLEX11-130149-0040 Datasheet
44Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
130149-0007 MOLEX11-130149-0007 Datasheet
46Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
1301490007 MOLEX11-1301490007 Datasheet
39Kb / 1P
   Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
1301490013 MOLEX11-1301490013 Datasheet
40Kb / 1P
   Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 6-20, 250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com