Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6036G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6036G
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6036G Datasheet(HTML) 4 Page - ON Semiconductor

  2N6036G Datasheet HTML 1Page - ON Semiconductor 2N6036G Datasheet HTML 2Page - ON Semiconductor 2N6036G Datasheet HTML 3Page - ON Semiconductor 2N6036G Datasheet HTML 4Page - ON Semiconductor 2N6036G Datasheet HTML 5Page - ON Semiconductor 2N6036G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6034G, 2N6035G, 2N6036G (PNP), 2N6038G, 2N6039G (NPN)
http://onsemi.com
4
ACTIVE−REGION SAFE−OPERATING AREA
1.0
5.0
Figure 4. 2N6035, 2N6036
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
7.0
5.0
3.0
2.0
0.1
7.0
10
30
50
100
BONDING WIRE LIMITED
THERMALLY LIMITED
70
1.0
TJ = 150°C
dc
1.0ms
100
ms
Figure 5. 2N6038, 2N6039
0.7
0.5
0.2
20
2N6036
2N6035
0.3
1.0
5.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
7.0
5.0
3.0
2.0
0.1
7.0
10
30
50
100
70
1.0
0.7
0.5
0.2
20
2N6039
2N6038
0.3
5.0ms
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
100
ms
1.0ms
5.0ms
dc
BONDING WIRE LIMITED
THERMALLY LIMITED
TJ = 150°C
@ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 4 and 5 is based on TJ(pk) = 150
_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 3.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
200
0.04
VR, REVERSE VOLTAGE (VOLTS)
10
0.4 0.6 1.0
2.0
40
4.0
0.06 0.1
0.2
100
50
30
TC = 25°C
Cib
70
Cob
PNP
NPN
Figure 6. Capacitance
20
6.0
10
20
6.0 k
0.04
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.1
0.2
0.6
1.0
4.0
600
800
400
1.0 k
2.0 k
VCE = 3.0 V
0.4
2.0
PNP
2N6034, 2N6035, 2N6036
NPN
2N6038, 2N6039
4.0 k
3.0 k
TC = 125°C
25
°C
-55
°C
6.0 k
0.04
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.1
0.2
0.6
1.0
4.0
600
800
400
1.0 k
2.0 k
VCE = 3.0 V
0.4
2.0
4.0 k
3.0 k
TJ = 125°C
25
°C
-55
°C


Similar Part No. - 2N6036G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6036G ONSEMI-2N6036G Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6036G ONSEMI-2N6036G Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
More results

Similar Description - 2N6036G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com