Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6107 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6107
Description  Complementary Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6107 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6107_14 Datasheet HTML 1Page - ON Semiconductor 2N6107_14 Datasheet HTML 2Page - ON Semiconductor 2N6107_14 Datasheet HTML 3Page - ON Semiconductor 2N6107_14 Datasheet HTML 4Page - ON Semiconductor 2N6107_14 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N6107, 2N6109, 2N6111 (PNP), 2N6288, 2N6292 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) (Note 2)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 100 mAdc, IB = 0)
2N6111, 2N6288
2N6109
2N6107, 2N6292
VCEO(sus)
30
50
70
Vdc
Collector Cutoff Current
(VCE = 20 Vdc, IB = 0)
2N6111, 2N6288
(VCE = 40 Vdc, IB = 0)
2N6109
(VCE = 60 Vdc, IB = 0)
2N6107, 2N6292
ICEO
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB(off) = 1.5 Vdc)
2N6111, 2N6288
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc)
2N6109
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc)
2N6107, 2N6292
(VCE = 30 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6111, 2N6288
(VCE = 50 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6109
(VCE = 70 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6107, 2N6292
ICEX
100
100
100
2.0
2.0
2.0
mAdc
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 2.0 Adc, VCE = 4.0 Vdc)
2N6107, 2N6292
(IC = 2.5 Adc, VCE = 4.0 Vdc)
2N6109
(IC = 3.0 Adc, VCE = 4.0 Vdc)
2N6111, 2N6288
(IC = 7.0 Adc, VCE = 4.0 Vdc)
All Devices
hFE
30
30
30
2.3
150
150
150
Collector−Emitter Saturation Voltage
(IC = 7.0 Adc, IB = 3.0 Adc)
VCE(sat)
3.5
Vdc
Base−Emitter On Voltage
(IC = 7.0 Adc, VCE = 4.0 Vdc)
VBE(on)
3.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 4)
(IC = 500 mAdc, VCE = 4.0 Vdc, ftest = 1.0 MHz)
2N6288, 2N6292
2N6107, 2N6109, 2N6111
fT
4.0
10
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
250
pF
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 4.0 Vdc, f = 50 kHz)
hfe
20
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Indicates JEDEC Registered Data.
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
4. fT = |hfe| • ftest


Similar Part No. - 2N6107_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6107 ONSEMI-2N6107_11 Datasheet
117Kb / 5P
   7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
logo
Micro Commercial Compon...
2N6107 MCC-2N6107_13 Datasheet
563Kb / 3P
   PNP Silicon Complementary Power Transistor
More results

Similar Description - 2N6107_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com