Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6111G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6111G
Description  Complementary Silicon Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6111G Datasheet(HTML) 4 Page - ON Semiconductor

  2N6111G Datasheet HTML 1Page - ON Semiconductor 2N6111G Datasheet HTML 2Page - ON Semiconductor 2N6111G Datasheet HTML 3Page - ON Semiconductor 2N6111G Datasheet HTML 4Page - ON Semiconductor 2N6111G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N6107, 2N6109, 2N6111 (PNP), 2N6288, 2N6292 (NPN)
http://onsemi.com
4
15
1.0
Figure 5. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
7.0
5.0
2.0
0.15
5.0
10
CURRENT LIMIT
SECONDARY
BREAKDOWN LIMIT
THERMAL LIMIT
@ TC = 25°C (SINGLE PULSE)
7.0
dc
0.1 ms
1.0
0.5
0.2
0.3
2.0
3.0
0.5 ms
20
30
50
70 100
3.0
0.7
0.1
ms
5.0 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided
TJ(pk)
≤ 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
300
0.5
VR, REVERSE VOLTAGE (VOLTS)
30
3.0
5.0
50
1.0
2.0
200
70
50
TJ = 25°C
Cib
100
Figure 6. Turn−Off Time
10
20
30
5.0
0.07
Figure 7. Capacitance
IC, COLLECTOR CURRENT (AMP)
3.0
2.0
1.0
0.7
0.5
0.3
0.05
0.1
0.2
0.3
0.5
2.0
3.0
7.0
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
0.1
tr
1.0
5.0
0.2
0.07
ts
Cob
ORDERING INFORMATION
Device
Device Marking
Package
Shipping
2N6107G
2N6107
TO−220
(Pb−Free)
50 Units / Rail
2N6109G
2N6109
TO−220
(Pb−Free)
50 Units / Rail
2N6111G
2N6111
TO−220
(Pb−Free)
50 Units / Rail
2N6288G
2N6288
TO−220
(Pb−Free)
50 Units / Rail
2N6292G
2N6292
TO−220
(Pb−Free)
50 Units / Rail


Similar Part No. - 2N6111G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6111G ONSEMI-2N6111G Datasheet
117Kb / 5P
   7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
More results

Similar Description - 2N6111G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com