Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3646 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC3646
Description  Bipolar Transistor High breakdown voltage and large current capacity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3646 Datasheet(HTML) 5 Page - ON Semiconductor

  2SC3646 Datasheet HTML 1Page - ON Semiconductor 2SC3646 Datasheet HTML 2Page - ON Semiconductor 2SC3646 Datasheet HTML 3Page - ON Semiconductor 2SC3646 Datasheet HTML 4Page - ON Semiconductor 2SC3646 Datasheet HTML 5Page - ON Semiconductor 2SC3646 Datasheet HTML 6Page - ON Semiconductor 2SC3646 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SA1416 / 2SC3646
No.2005-5/7
Bag Packing Specification
2SA1416S-TD-E, 2SA1416T-TD-E, 2SC3646S-TD-E, 2SC3646T-TD-E


Similar Part No. - 2SC3646

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3646 SANYO-2SC3646 Datasheet
124Kb / 4P
   High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC3646 KEXIN-2SC3646 Datasheet
511Kb / 3P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SC3646 SANYO-2SC3646 Datasheet
113Kb / 5P
   High-Voltage Switching Applications
2SC3646 SANYO-2SC3646 Datasheet
457Kb / 7P
   High-Voltage Switching Applications
logo
Shenzhen Luguang Electr...
2SC3646 LUGUANG-2SC3646 Datasheet
1Mb / 3P
   High-Voltage Switching Applications
More results

Similar Description - 2SC3646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com