Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC3790U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3790U
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3790U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3790U_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3790U_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTC3790U_15 Datasheet HTML 3Page - KEC(Korea Electronics) KTC3790U_15 Datasheet HTML 4Page - KEC(Korea Electronics) KTC3790U_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008. 8. 29
2/5
KTC3790U
Revision No : 2
COLLECTOR CURRENT IC (mA)
hFE - IC
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
200
100
50
30
10
10
1
300
f
- I
TC
1
COLLECTOR-BASE VOLTAGE VCB (V)
Cre - VCB
20
30
10
5
0.1
0.5
1
3
2
15
10
30
20
1
5
20
S21e
- IC
S21e
- f
NF - I C
0
1
2
3
4
7
6
5
50 70
10
5
1
70
5
0.5
50
30
10
1
510
50 70
0
0.5
5
10
15
FREQUENCY f (GHz)
0.1
3.0
0
12
16
0.5
8
4
20
2.0
1.0
0.5
Ta=25 C
VCE=8V
Ta=25 C
VCE=8V
Ta=25 C
VCE = 8V
f = 1.0GHz
VCE = 8V
f = 1.0GHz
Ta=25 C
VCE=8V
IC=20mA
Ta=25 C
Ta=25 C
f =1.0MHz
2
2
S21e
2
TYPICAL CHARACTERISTICS


Similar Part No. - KTC3790U_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3790UL KEC-KTC3790UL Datasheet
73Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTC3790UM KEC-KTC3790UM Datasheet
73Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTC3790UN KEC-KTC3790UN Datasheet
73Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
KTC3790U KEC-KTC3790U_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results

Similar Description - KTC3790U_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com