Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1709 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA1709
Description  Bipolar Transistor High breakdown voltage, large current capacity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1709 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA1709 Datasheet HTML 1Page - ON Semiconductor 2SA1709 Datasheet HTML 2Page - ON Semiconductor 2SA1709 Datasheet HTML 3Page - ON Semiconductor 2SA1709 Datasheet HTML 4Page - ON Semiconductor 2SA1709 Datasheet HTML 5Page - ON Semiconductor 2SA1709 Datasheet HTML 6Page - ON Semiconductor 2SA1709 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
82912 TKIM TC-00002803/40804TN(PC)/5169MO, TS No.3096-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA1709/2SC4489
Bipolar Transistor
(-)100V, (-)2A, Low VCE(sat), (PNP)NPN Single NMP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Adoption of FBET, MBIT processes
High breakdown voltage, large current capacity
Fast switching speed
( )2SA1709
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)3
A
Collector Dissipation
PC
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7540-001
Ordering number : EN3096A
Product & Package Information
• Package : NMP(Taping)
• JEITA, JEDEC : SC-71
• Minimum Packing Quantity : 2,500 pcs./box
Marking(NMP(Taping))
Electrical Connection
2
1
3
2SC4489
2
1
3
2SA1709
A1709
LOT No.
RANK
C4489
LOT No.
RANK
1 : Emitter
2 : Collector
3 : Base
NMP(Taping)
6.9
3
2
1
2.5
1.05
1.45
2.54
2.54
0.6
0.45
0.5
0.9
2SA1709S-AN
2SA1709T-AN
2SC4489S-AN
2SC4489T-AN


Similar Part No. - 2SA1709

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1709 SANYO-2SA1709 Datasheet
123Kb / 4P
   High-Voltage Switching Applications
2SA1709 SANYO-2SA1709 Datasheet
534Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SA1709S-AN ONSEMI-2SA1709S-AN Datasheet
623Kb / 7P
   Bipolar Transistor
September, 2013
2SA1709T-AN ONSEMI-2SA1709T-AN Datasheet
623Kb / 7P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SA1709 SANYO-2SA1709_12 Datasheet
534Kb / 7P
   High-Voltage Switching Applications
More results

Similar Description - 2SA1709

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com