Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP0603A0897BS Datasheet(PDF) 3 Page - AVX Corporation

Part # CP0603A0897BS
Description  Thin-Film Directional Couplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0603A0897BS Datasheet(HTML) 3 Page - AVX Corporation

  CP0603A0897BS Datasheet HTML 1Page - AVX Corporation CP0603A0897BS Datasheet HTML 2Page - AVX Corporation CP0603A0897BS Datasheet HTML 3Page - AVX Corporation CP0603A0897BS Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
62
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603B0836CS
824 - 849
26.5±1
CP0603B0881CS
869 - 894
26±1
GSM
CP0603B0902CS
890 - 915
26±1
CP0603B0947CS
935 - 960
25.5±1
0.2
E-GSM
CP0603B0897CS
880 - 915
26±1
CP0603B0942CS
925 - 960
25.5±1
PDC
CP0603B1441CS
1429 - 1453
22±1
1.2
PCN
CP0603B1747CS
1710 - 1785
20.5±1
CP0603B1842CS
1805 - 1880
20±1
PCS
CP0603B1880CS
1850 - 1910
20±1
0.25
CP0603B1960CS
1930 - 1990
19.5±1
PHP
CP0603B1907CS
1895 - 1920
20±1
DECT
CP0603B1890CS
1880 - 1900
20±1
Wireless LAN
CP0603B2442CS
2400 - 2484
18±1
0.35
1.3
Thin-Film Directional Couplers
CP0603 SMD Type
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603B0836AS
824 - 849
24.5±1
CP0603B0881AS
869 - 894
24±1
GSM
CP0603B0902AS
890 - 915
24±1
0.2
CP0603B0947AS
935 - 960
23.5±1
E-GSM
CP0603B0897AS
880 - 915
24±1
CP0603B0942AS
925 - 960
23.5±1
PDC
CP0603B1441AS
1429 - 1453
20±1
0.25
1.2
PCN
CP0603B1747AS
1710 - 1785
18±1
CP0603B1842AS
1805 - 1880
17.5±1
PCS
CP0603B1880AS
1850 - 1910
17.5±1
CP0603B1960AS
1930 - 1990
17.5±1
0.3
PHP
CP0603B1907AS
1895 - 1920
17.5±1
DECT
CP0603B1890AS
1880 - 1900
17.5±1
Wireless LAN
CP0603B2442AS
2400 - 2484
15.5±1
0.45
Coupler P/N CP0603B****AS
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603B0836BS
824 - 849
25.5±1
CP0603B0881BS
869 - 894
25±1
GSM
CP0603B0902BS
890 - 915
25±1
CP0603B0947BS
935 - 960
24.5±1
0.2
E-GSM
CP0603B0897BS
880 - 915
25±1
CP0603B0942BS
925 - 960
24.5±1
PDC
CP0603B1441BS
1429 - 1453
21±1
1.2
PCN
CP0603B1747BS
1710 - 1785
19±1
CP0603B1842BS
1805 - 1880
19±1
PCS
CP0603B1880BS
1850 - 1910
18.5±1
0.25
CP0603B1960BS
1930 - 1990
18.5±1
PHP
CP0603B1907BS
1895 - 1920
18.5±1
DECT
CP0603B1890BS
1880 - 1900
18.5±1
Wireless LAN
CP0603B2442BS
2400 - 2484
16.5±1
0.35
Coupler P/N CP0603B****BS
Coupler P/N CP0603B****CS
Important: Couplers can be used at any frequency within the indicated range.
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-50
-60
-1
-3
-5
-7
-9
-11
-13
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
3.0
3.5
4.0
CP0603B****AS
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-5
-15
-25
-35
-45
-50
0
-2
-4
-6
-8
-10
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
3.0
3.5
4.0
CP0603B****BS
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-5
-15
-25
-35
-45
-50
0
-2
-4
-6
-8
-10
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
3.0
3.5
4.0
CP0603B****CS
3
62


Similar Part No. - CP0603A0897BS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603Q5425ENTR AVX-CP0603Q5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0603V0836CNTR AVX-CP0603V0836CNTR Datasheet
108Kb / 3P
   Mobile communications
More results

Similar Description - CP0603A0897BS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com