Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-F006PPA020SB-M685B Datasheet(PDF) 10 Page - Vincotech

Part # 10-F006PPA020SB-M685B
Description  Clip in PCB mounting
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F006PPA020SB-M685B Datasheet(HTML) 10 Page - Vincotech

Back Button 10-F006PPA020SB-M685B Datasheet HTML 6Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 7Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 8Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 9Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 10Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 11Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 12Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 13Page - Vincotech 10-F006PPA020SB-M685B Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10-F006PPA020SB-M685B
preliminary datasheet
Figure 17
Output inverter FWD
Figure 18
Output inverter FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
400
V
VR =
400
V
VGE =
±15
V
IF =
20
A
Rgon =
16
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
2,32
K/W
RthJH =
1,88
K/W
RthJH =
2,40
K/W
RthJH =
1,94
K/W
IGBT thermal model values
FWD thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,07
4,4E+00
0,06
3,6E+00
0,07
4,6E+00
0,06
3,7E+00
0,30
3,8E-01
0,24
3,1E-01
0,27
4,8E-01
0,22
3,9E-01
1,26
8,1E-02
1,02
6,6E-02
1,13
8,5E-02
0,92
6,9E-02
0,34
1,2E-02
0,27
9,6E-03
0,52
2,0E-02
0,42
1,6E-02
0,14
1,4E-03
0,12
1,1E-03
0,20
2,8E-03
0,16
2,3E-03
0,21
1,3E-04
0,17
1,0E-04
0,21
3,3E-04
0,17
2,7E-04
Phase change interface
Thermal grease
Thermal grease
Output Inverter
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dIrec/dt
0
1000
2000
3000
4000
5000
6000
0
20
40
60
80
R gon ( Ω
Ω )
dI0/dt
0
200
400
600
800
1000
0
5
10
15
20
25
30
I C (A)
dIrec/dt
dI0/dt
10
Revision: 1
Copyright by Vincotech


Similar Part No. - 10-F006PPA020SB-M685B

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
More results

Similar Description - 10-F006PPA020SB-M685B

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
   Clip-in PCB mounting
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
10-R106PPA020SB01-M934A VINCOTECH-10-R106PPA020SB01-M934A Datasheet
2Mb / 31P
   Clip in PCB mounting
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
   Clip-in PCB mounting
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
   Clip in PCB mounting
V23990-P707-F40-PM VINCOTECH-V23990-P707-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P708-F40-PM VINCOTECH-V23990-P708-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P625-F24-P1-14 VINCOTECH-V23990-P625-F24-P1-14 Datasheet
1Mb / 14P
   Clip-in PCB mounting
V23990-P640-G20-PM VINCOTECH-V23990-P640-G20-PM Datasheet
1Mb / 16P
   Clip-in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com