Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-F112M3A025SH-M746F09 Datasheet(PDF) 5 Page - Vincotech

Part # 10-F112M3A025SH-M746F09
Description  3 phase mixed voltage component topology
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F112M3A025SH-M746F09 Datasheet(HTML) 5 Page - Vincotech

  10-F112M3A025SH-M746F09 Datasheet HTML 1Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 2Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 3Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 4Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 5Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 6Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 7Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 8Page - Vincotech 10-F112M3A025SH-M746F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
10-F112M3A025SH-M746F09
10-FY12M3A025SH-M746F08
datasheet
Figure 1
IGBT
Figure 2
IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
At
At
tp =
250
µs
tp =
250
µs
Tj =
25
°C
Tj =
125
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
IGBT
Figure 4
FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
tp =
250
µs
tp =
250
µs
VCE =
10
V
Half Bridge
Typical output characteristics
Half Bridge IGBT & Neutral Point FWD
0
20
40
60
80
0
1
2
3
4
5
V CE (V)
0
5
10
15
20
25
0
2
4
6
8
10
12
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
10
20
30
40
50
60
0
1
2
3
4
5
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
20
40
60
80
0
1
2
3
4
5
V CE (V)
copyright Vincotech
5
2014.12.18. / Revision: 3


Similar Part No. - 10-F112M3A025SH-M746F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F112M3A025SH-M746-F09 VINCOTECH-10-F112M3A025SH-M746-F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
More results

Similar Description - 10-F112M3A025SH-M746F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F112M3A025SH-M746-F09 VINCOTECH-10-F112M3A025SH-M746-F09 Datasheet
1Mb / 26P
   3 phase mixed voltage component topology
10-FY12M3A040SH-M749F08 VINCOTECH-10-FY12M3A040SH-M749F08 Datasheet
2Mb / 26P
   3 phase mixed voltage component topology
10-FZ12NMA080SH01-M260F VINCOTECH-10-FZ12NMA080SH01-M260F Datasheet
1Mb / 27P
   Mixed voltage component topology
10-FZ12NMA080SH-M269F VINCOTECH-10-FZ12NMA080SH-M269F Datasheet
2Mb / 26P
   Mixed voltage component topology
10-F012NME080SH-M910F09Y VINCOTECH-10-F012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-P012NME080SH-M910F09Y VINCOTECH-10-P012NME080SH-M910F09Y Datasheet
2Mb / 31P
   Mixed voltage component topology
10-FZ12NMA080NS03-M260F38 VINCOTECH-10-FZ12NMA080NS03-M260F38 Datasheet
1Mb / 27P
   Mixed voltage component topology
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com