Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F930G226MAAAJ6 Datasheet(PDF) 1 Page - AVX Corporation

Part # F930G226MAAAJ6
Description  Resin-Molded Chip - Automotive Product Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F930G226MAAAJ6 Datasheet(HTML) 1 Page - AVX Corporation

  F930G226MAAAJ6 Datasheet HTML 1Page - AVX Corporation F930G226MAAAJ6 Datasheet HTML 2Page - AVX Corporation F930G226MAAAJ6 Datasheet HTML 3Page - AVX Corporation F930G226MAAAJ6 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22
MARCH 2015
F93-AJ6 Series
Resin-Molded Chip - Automotive Product Range
FEATURES
• Compliant to the RoHS2 directive 2011/65/EU
• Compliant to AEC-Q200
APPLICATIONS
• Cabin electronics
• Infotainment
LEAD-FREE COMPATIBLE
COMPONENT
CASE DIMENSIONS: millimeters (inches)
Code
L
W1
W2
HS
A
3.20 ± 0.20
1.60 ± 0.20
1.20 ± 0.10
1.60 ± 0.20
0.80 ± 0.20
(0.126 ± 0.008) (0.063 ± 0.008) (0.047 ± 0.004) (0.063 ± 0.008) (0.031 ± 0.008)
B
3.50 ± 0.20
2.80 ± 0.20
2.20 ± 0.10
1.90 ± 0.20
0.80 ± 0.20
(0.126 ± 0.008) (0.110 ± 0.008) (0.087 ± 0.004) (0.075 ± 0.008) (0.031 ± 0.008)
C
6.00 ± 0.20
3.20 ± 0.20
2.20 ± 0.10
2.50 ± 0.20
1.30 ± 0.20
(0.236 ± 0.008) (0.126 ± 0.008) (0.087 ± 0.004) (0.098 ± 0.008) (0.051 ± 0.008)
N
7.30 ± 0.20
4.30 ± 0.20
2.40 ± 0.10
2.80 ± 0.20
1.30 ± 0.20
(0.287 ± 0.008) (0.169 ± 0.008) (0.094 ± 0.004) (0.110 ±0.008) (0.051 ± 0.008)
A, B CASE
C, N CASE
MARKING
C 685
22
16V
A CASE
B CASE
C CASE
N CASE
C
G
J
A
4V
6.3V
10V
16V
20V
D
E
V
25V
35V
Rated Voltage
Code
Capacitance
Code
Rated Voltage
(V)
Rated Voltage
(V)
Rated Voltage
(V)
Capacitance
(µF)
Capacitance
(µF)
Capacitance
(µF)
AJ6
AEC-Q200
Compliant
F93
Type
1A
Rated
Voltage
106
Capacitance
Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
A
Case
Size
See
table
above
HOW TO ORDER
Packaging
See Tape & Reel
Packaging Section
Category Temperature Range:
-55 to +125°C
Rated Temperature:
+85°C
Capacitance Tolerance:
±20%, ±10% at 120Hz
Dissipation Factor:
Refer to next page
ESR 100kHz:
Refer to next page
Leakage Current:
After 1 minute’s application of rated voltage, leakage current at 20°C
is not more than 0.01CV or 0.5μA, whichever is greater.
After 1 minute’s application of rated voltage, leakage current at 85°C
is not more than 0.1CV or 5μA, whichever is greater.
After 1 minute’s application of derated voltage, leakage current at 125°C
is not more than 0.125CV or 6.3μA, whichever is greater.
Capacitance Change By Temperature
+15% Max. at +125°C
+10% Max. at +85°C
-10% Max. at -55°C
TECHNICAL SPECIFICATIONS


Similar Part No. - F930G226MAAAJ6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F930G226MAA NICHICON-F930G226MAA Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G226MAA NICHICON-F930G226MAA Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F930G226MAA AVX-F930G226MAA Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
F930G226MAA NICHICON-F930G226MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G226MAA NICHICON-F930G226MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F930G226MAAAJ6

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
   General use wire wound, resin molded chip inductor.
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Panasonic Semiconductor
ELJ-LA PANASONIC-ELJ-LA Datasheet
361Kb / 1P
   Resin-Molded Wirewound Power Chip Inductors Expanded Inductor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com