Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCO191-836UY Datasheet(PDF) 1 Page - RF Micro Devices

Part # VCO191-836UY
Description  3V NARROWBAND VOLTAGE CONTROLLED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VCO191-836UY Datasheet(HTML) 1 Page - RF Micro Devices

  VCO191-836UY Datasheet HTML 1Page - RF Micro Devices VCO191-836UY Datasheet HTML 2Page - RF Micro Devices VCO191-836UY Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
Voltage Controlled Oscillator (VCO)
Tank Circuit
Resonator:
Active Circuit
VTUNE
VCC
RF Output
(See Table)
VCO191-836UY
3V NARROWBAND VOLTAGE CONTROLLED
OSCILLATOR
This series of narrowband, low-cost, 3V VCO modules offers linear tuning across
their specified frequency band.
Features
Linear Tuning/Low Phase Noise
Multiple Supply Voltage and
Package Options Available
Low-Cost/High-Volume Series
Frequency: 823MHz to 849MHz
Resonator: Aircoil or Microstrip
PCB: FR-4 and S1170
Package Size: 9.5mm x 9.5mm x
2.79mm (0.374in x 0.374in x
0.11in)
Applications
Wireless Infrastructure
RFID
General Wireless
DS120109
Package: U-Package, 9.5mm x 9.5mm x 2.79mm
VCO191-
836UY3V nar-
rowband vOLT-
AGE
CONTROLLED
OSCILLATOR
VCO191-836UY
Contact us at 1-480-756-6070


Similar Part No. - VCO191-836UY

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
VCO191-836UY SIRENZA-VCO191-836UY Datasheet
149Kb / 1P
   VCO Product Specification
More results

Similar Description - VCO191-836UY

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
VCO191-890UY RFMD-VCO191-890UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-2450UY RFMD-VCO191-2450UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-220UY RFMD-VCO191-220UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-902UY RFMD-VCO191-902UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-915UY RFMD-VCO191-915UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-1013UY RFMD-VCO191-1013UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-1305UY RFMD-VCO191-1305UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-926UY RFMD-VCO191-926UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO191-773UY RFMD-VCO191-773UY Datasheet
259Kb / 3P
   3V NARROWBAND VOLTAGE CONTROLLED
VCO190-250TY RFMD-VCO190-250TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com