Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFLI Datasheet(PDF) 9 Page - AVX Corporation

Part # FFLI
Description  Medium Power Film Capacitors FFLI 1500V to 3000Vdc RoHS Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLI Datasheet(HTML) 9 Page - AVX Corporation

Back Button FFLI_15 Datasheet HTML 2Page - AVX Corporation FFLI_15 Datasheet HTML 3Page - AVX Corporation FFLI_15 Datasheet HTML 4Page - AVX Corporation FFLI_15 Datasheet HTML 5Page - AVX Corporation FFLI_15 Datasheet HTML 6Page - AVX Corporation FFLI_15 Datasheet HTML 7Page - AVX Corporation FFLI_15 Datasheet HTML 8Page - AVX Corporation FFLI_15 Datasheet HTML 9Page - AVX Corporation FFLI_15 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Medium Power Film Capacitors
FFLI 1500V to 3000Vdc (RoHS Compliant)
CALCULATION FORM
Specification
Your choice
Capacitance
C (µF)
PN
Working voltage
Uw (V)
Capacitance
C (µF)
RMS current
Irms (Arms)
Rated voltage
Un (V)
Frequency
f (Hz)
Serial resistance
Rs (m)
Ripple voltage
Ur (V)
Thermal resistance between
hot spot and ambient air
Rth (°C/W)
Ambient temperature
amb (°C)
Lifetime @ Uw, Irms and amb
hours
Parasitic inductance
L (nH)
Calculations
Maximum ripple voltage
Urmax = 0,2 x Un
Urmax =
V
The maximum ripple voltage of the selected capacitor must be in any case higher than the ripple voltage of your application
Ratio Uw / Un
 = U
w / Un
 =
Joule losses
Pj = Rs x Irms²
Pj =
W
Dielectric losses
Pd = Q x tg0 = Q x 2.10
-4
Pd =
W
Hot spot temperature
HS = amb + (Pj + Pd) x Rth
HS =
°C
The hot spot temperature must be in any case lower than 85°C
LIFETIME EXPECTANCY VS HOT SPOT TEMPERATURE AND VOLTAGE
Expected lifetime at hot spot calculated at Uw


Similar Part No. - FFLI_15

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFLI6L0167K-- AVX-FFLI6L0167K-- Datasheet
246Kb / 2P
   Capacitors for Power Electronics
FFLI6L0167KJE AVX-FFLI6L0167KJE Datasheet
246Kb / 2P
   Capacitors for Power Electronics
FFLI6L0337K AVX-FFLI6L0337K Datasheet
246Kb / 2P
   Capacitors for Power Electronics
FFLI6L0337K-- AVX-FFLI6L0337K-- Datasheet
246Kb / 2P
   Capacitors for Power Electronics
FFLI6L0337KJE AVX-FFLI6L0337KJE Datasheet
246Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - FFLI_15

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFV34D0167K AVX-FFV34D0167K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com