Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P722-F74-D1-14 Datasheet(PDF) 7 Page - Vincotech

Part # V23990-P722-F74-D1-14
Description  Maximum Ratings / H철chstzul채ssige Werte
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P722-F74-D1-14 Datasheet(HTML) 7 Page - Vincotech

Back Button V23990-P722-F74-D1-14 Datasheet HTML 3Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 4Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 5Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 6Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 7Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 8Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 9Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 10Page - Vincotech V23990-P722-F74-D1-14 Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
V23990-P722-F74-PM
fastPACK0 H 2nd gen
V23990-P722F74
Output inverter
Figure 13. MOSFET transient thermal impedance
as a function of pulse width
ZthJH = f(tp)
Parameter: D = tp / T
RthJH= 0,40 K/W
MOSFET thermal model values
R (C/W)
Tau (s)
0,02
1,6E+01
0,08
1,6E+00
0,10
2,0E-01
0,14
5,3E-02
0,04
3,0E-03
0,03
3,3E-04
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
Copyright by Vincotech
7
Revision: 1


Similar Part No. - V23990-P722-F74-D1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P722-F64-D1-14 VINCOTECH-V23990-P722-F64-D1-14 Datasheet
1Mb / 12P
   fastPACK 0 H 2nd gen
More results

Similar Description - V23990-P722-F74-D1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P729-F46-D1-14 VINCOTECH-V23990-P729-F46-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F54-D1-14 VINCOTECH-V23990-P729-F54-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P705-F-01-14 VINCOTECH-V23990-P705-F-01-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P723-F04-D1-14 VINCOTECH-V23990-P723-F04-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F44-D1-14 VINCOTECH-V23990-P729-F44-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F56-01-14 VINCOTECH-V23990-P729-F56-01-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P706-F-D1-14 VINCOTECH-V23990-P706-F-D1-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-09-03
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
FZ3600R12HP4 INFINEON-FZ3600R12HP4 Datasheet
1Mb / 9P
   IGBT-Wechselrichter / IGBT-inverter H철chstzul채ssige Werte / maximum rated values
2009-08-03 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com