Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F980J107MSA Datasheet(PDF) 1 Page - AVX Corporation

Part # F980J107MSA
Description  Resin-Molded Chip, High CV Undertab
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F980J107MSA Datasheet(HTML) 1 Page - AVX Corporation

  F980J107MSA Datasheet HTML 1Page - AVX Corporation F980J107MSA Datasheet HTML 2Page - AVX Corporation F980J107MSA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
66
APRIL 2014
F98 Series
Resin-Molded Chip, High CV Undertab
FEATURES
• Compliant to the RoHS2 directive 2011/65/EU
• SMD face down design
• Small and low profile
APPLICATIONS
• Smartphone
• Mobile phone
• Wireless module
• Hearing aid
LEAD-FREE COMPATIBLE
COMPONENT
L
H
W1
W2
S1
S2
S1
MARKING
J
J s
U CASE
M CASE
S CASE
*Capacitance
Code
Rated Voltage
Code
Rated Voltage
Code
CASE DIMENSIONS: millimeters (inches)
Code
L
W1
W2
HS1
S2
M
1.60
0.85
0.65±0.10
0.80±0.10
0.50±0.10
0.60±0.10
(0.063
)
(0.033
)
(0.026±0.004) (0.031±0.004) (0.020±0.004) (0.024±0.004)
S
2.00
1.25
0.90±0.10
0.80±0.10
0.50±0.10
1.00±0.10
(0.079
)
(0.049
)
(0.035±0.004) (0.031±0.004) (0.020±0.004) (0.039±0.004)
U
1.10±0.05
0.60±0.05
0.35±0.05
0.55±0.05
0.30±0.05
0.50±0.05
(0.043±0.002) (0.024±0.002) (0.014±0.002) (0.022±0.002) (0.012±0.002) (0.020±0.002)
+0.20
-0.10
+0.008
-0.004
+0.20
-0.10
+0.008
-0.004
+0.20
-0.10
+0.008
-0.004
+0.20
-0.10
+0.008
-0.004
F98
Type
0J
Rated
Voltage
106
Capacitance
Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M = ±20%
M
Case
Size
See
table
above
HOW TO ORDER
LZT
Specification
Suffix
Rated
temperature
60ºC only
Packaging
See Tape & Reel
Packaging Section
Category Temperature Range:
-55 to +125°C
Rated Temperature:
+85°C
Capacitance Tolerance:
±20% at 120Hz
Dissipation Factor:
Refer to next page
ESR 100kHz:
Refer to next page
Leakage Current:
Refer to next page
Provided that:
After 5 minute’s application of rated voltage, leakage current at 85°C
10 times or less than 20ºC specified value.
After 5 minute’s application of rated voltage, leakage current at 125°C
12.5 times or less than 20ºC specified value.
TECHNICAL SPECIFICATIONS


Similar Part No. - F980J107MSA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F980J107MSA NICHICON-F980J107MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F980J107MSA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
GETAI ELECTRONICS DEVIC...
2CL30KV-1A GETEDZ-2CL30KV-1A Datasheet
156Kb / 1P
   High reliability resin molded type high voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com